Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA630 Datasheet (PDF) - Texas Instruments

INA630 Datasheet PDF - Texas Instruments
Part # INA630
Download  INA630 Download
File Size   2334.92 Kbytes
Page   32 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description INA630 Precision, 126dB CMRR, Indirect Current Feedback Instrumentation Amplifier

INA630 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA630 Datasheet PDF - Texas Instruments

Part # INA630
Download  INA630 Click to download

File Size   2334.92 Kbytes
Page   32 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description INA630 Precision, 126dB CMRR, Indirect Current Feedback Instrumentation Amplifier

INA630 Datasheet (HTML) - Texas Instruments


INA630 Product details

1 Features
• Optimized for cost and size sensitive applications
• Super-beta bipolar precision:
– High common-mode rejection: 126dB
(minimum) for G = 20V/V to 1000V/V
– Low offset voltage: 50μV (typical), 350μV
(maximum)
– Low offset voltage drift: 0.5μV/ºC (typical),
2μV/°C (maximum)
– Low gain non-linearity: 10ppm (G = 100V/V)
(maximum)
– High power supply rejection: 123dB (minimum)
for G = 20V/V to 1000V/V
– Voltage noise density: 40nV/√Hz at f = 1kHz
• Gain set with external resistor divider for G ≥
20V/V
– Maximum differential input voltages of ±125mV
• Bandwidth: 550kHz (G = 20), 100kHz (G = 100)
• Supply range:
– Single-supply: 4.5V to 36V
– Dual-supply: ±2.25V to ±18V
– Supply current: 300μA (typical)
• Specified temperature range: –40°C to +125°C

2 Applications
• Battery cell formation & test equipment
• Flat panel display (FPD) shorting bar pattern
generator (TBD)
• Electrocardiogram (ECG)
• Weigh scale

3 Description
The INA630 is a high-precision instrumentation
amplifier that offers low power consumption and
operates over a wide single-supply or dual-supply
range. The INA630 is optimized to operate in
presence of small differential voltages (±125mV
maximum) while suppressing excellently (minimum
of 126dB CMRR) large common-mode signals. The
INA630 offers flexible gain setting with an external
resistor divider of minimum G = 20V/V.
The INA630 is based on an indirect current
feedback architecture that offers low gain error
and non-linearity. Due to the architecture the
reference pin impedance does not degrade the
CMRR performance. The device enables wider input
and output voltage range compared to traditional
instrumentation amplifiers. The device has high
precision as a result of super-beta input transistors,
which provide low input offset voltage, offset voltage
drift and input voltage and current noise.




Similar Part No. - INA630

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA630 TI2-INA630 Datasheet
2Mb / 32P
INA630 Precision, 126dB CMRR, Indirect Current Feedback Instrumentation Amplifier
REVISED JULY 2025
INA630 TI2-INA630 Datasheet
2Mb / 32P
INA630 Precision, 126dB CMRR, Indirect Current Feedback Instrumentation Amplifier
REVISED JULY 2025
INA630DDFR TI2-INA630DDFR Datasheet
2Mb / 32P
INA630 Precision, 126dB CMRR, Indirect Current Feedback Instrumentation Amplifier
REVISED JULY 2025
INA630DDFR TI2-INA630DDFR Datasheet
2Mb / 32P
INA630 Precision, 126dB CMRR, Indirect Current Feedback Instrumentation Amplifier
REVISED JULY 2025
INA630 TI2-INA630_V01 Datasheet
2Mb / 32P
INA630 Precision, 126dB CMRR, Indirect Current Feedback Instrumentation Amplifier
REVISED JULY 2025
More results


Similar Description - INA630

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
Precision Instrumentation Amplifier
REV.C
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
Precision INSTRUMENTATION AMPLIFIER
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD524SE AD-AD524SE Datasheet
614Kb / 28P
Precision Instrumentation Amplifier
Rev. F
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD8221 AD-AD8221_15 Datasheet
512Kb / 24P
Precision Instrumentation Amplifier
REV. C
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD524 AD-AD524_16 Datasheet
519Kb / 29P
Precision Instrumentation Amplifier
Rev. F
AD624 AD-AD624_16 Datasheet
468Kb / 17P
Precision Instrumentation Amplifier
REV. C
AD8221 AD-AD8221_16 Datasheet
668Kb / 25P
Precision Instrumentation Amplifier
REV. C
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com