Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA695IDBVT Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
OPA695IDBVT Datasheet PDF - Texas Instruments
Part # OPA695IDBVT
Download  OPA695IDBVT Download
File Size   3571.59 Kbytes
Page   65 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description OPA695 Ultra-Wideband, Current-Feedback Operational Amplifier With Disable

OPA695IDBVT Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA695IDBVT Datasheet PDF - Texas Instruments

Part # OPA695IDBVT
Download  OPA695IDBVT Click to download

File Size   3571.59 Kbytes
Page   65 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description OPA695 Ultra-Wideband, Current-Feedback Operational Amplifier With Disable

OPA695IDBVT Datasheet (HTML) - Texas Instruments


OPA695IDBVT Product details

1 Features
• Wide bandwidth:
– 1900MHz (G = +1V/V)
– 600MHz (G = +8V/V)
• Large-signal bandwidth (2VPP): 540MHz
• Output voltage swing: ±4.05V
• Ultra-high slew rate: 5000V/μs
• Input voltage noise: 2nV/√Hz
• Low distortion (RL = 100Ω, VO = 2VPP):
– HD2, HD3 at 10MHz: –65dBc, –92dBc
• High output current: ±140mA
• Supply range: 5V to 12V
• Supply current: 14mA
• Shutdown current: 160μA

2 Applications
• Very wideband ADC drivers
• Low-cost precision IF amplifiers
• Broadband video line drivers
• Portable instruments
• Active filters
• Arbitrary waveform generators
• Current DAC drivers

3 Description
The OPA695 is a high bandwidth, current-feedback
operational amplifier that combines an exceptional
5000V/μs slew rate and a low input voltage noise
to deliver a precision, low-distortion, high dynamic
range amplifier for use as intermediate gain stages in
high-speed instrumentation systems. The OPA695 is
optimized for high gain operation and is an excellent
choice for interfacing current DAC output, or as
gain stage in high-speed digitizers, or for delivering
high output power at low distortion for cable-modem
upstream line drivers.
The OPA695 features a low supply current of 14mA
(at 25°C). System power can be further reduced
using the optional disable control pin. Leaving this pin
open, or holding this pin high, gives normal operation.
If pulled low, the OPA695 supply current drops to
less than 160μA. This power-saving feature, along
with exceptional single 5V operation and ultra-small
SOT23-6 packaging, make the OPA695 an excellent
choice for portable applications.
The OPA695 is characterized for operation over the
wide temperature range of –40°C to +85°C




Similar Part No. - OPA695IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA695IDBVT TI-OPA695IDBVT Datasheet
570Kb / 32P
Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA695IDBVT TI1-OPA695IDBVT Datasheet
1Mb / 58P
Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
OPA695IDBVTG4 TI1-OPA695IDBVTG4 Datasheet
965Kb / 48P
Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
OPA695IDBVTG4 TI1-OPA695IDBVTG4 Datasheet
1Mb / 58P
Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
More results


Similar Description - OPA695IDBVT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA681 BURR-BROWN-OPA681 Datasheet
241Kb / 21P
Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
OPA685 BURR-BROWN-OPA685 Datasheet
283Kb / 28P
Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable TM
logo
Texas Instruments
OPA691 TI-OPA691 Datasheet
410Kb / 23P
Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
OPA695 TI-OPA695 Datasheet
570Kb / 32P
Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA2695 TI-OPA2695 Datasheet
1Mb / 40P
Dual, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
OPA695IDGKR TI1-OPA695IDGKR Datasheet
1Mb / 41P
Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA3695 TI1-OPA3695_14 Datasheet
1Mb / 39P
Triple, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
OPA695 TI1-OPA695 Datasheet
965Kb / 48P
Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
OPA691 TI1-OPA691_15 Datasheet
1Mb / 31P
Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
OPA695 TI1-OPA695_16 Datasheet
1Mb / 58P
Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com