Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA58L06F Datasheet (PDF) - Toshiba Semiconductor

TA58L06F Datasheet PDF - Toshiba Semiconductor
Part # TA58L06F
Download  TA58L06F Download
File Size   221.86 Kbytes
Page   12 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 250 mA Low Dropout Voltage Regulator

TA58L06F Datasheet (PDF)

Go To PDF Page Download Datasheet
TA58L06F Datasheet PDF - Toshiba Semiconductor

Part # TA58L06F
Download  TA58L06F Click to download

File Size   221.86 Kbytes
Page   12 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 250 mA Low Dropout Voltage Regulator

TA58L06F Datasheet (HTML) - Toshiba Semiconductor


TA58L06F Product details

250 mA Low Dropout Voltage Regulator

The TA58L**F Series consists of fixed-positive-output, low-dropout regulators with an output current of 250 mA (max) that utilize PNP transistors for the output stage. Low dropout voltage and standby current make the TA58L**F Series suitable for applications requiring low power consumption.

Features
• Maximum output current : 250 mA
• Output voltage : 5/ 6/ 8/ 9/ 10/ 12/ 15 V
• Output voltage accuracy : VOUT ± 3% (@Tj = 25°C)
• Low-dropout voltage : 0.4 V (max) (@IOUT = 200 mA)
• Protection function : Overcurrent protection / overheating protection / Reverse connection of power supply / 60 V load dump
• Package type : Surface-mount New PW-Mold




Similar Part No. - TA58L06F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA58L06S TOSHIBA-TA58L06S Datasheet
230Kb / 12P
250 mA Low Dropout Voltage Regulator
More results


Similar Description - TA58L06F

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504 Datasheet
71Kb / 10P
250 mA Dual Output Low Dropout Linear Regulator
October, 2005 ??Rev. 1
logo
Unisonic Technologies
M2950 UTC-M2950 Datasheet
148Kb / 7P
250 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504_06 Datasheet
71Kb / 10P
250 mA Dual Output Low Dropout Linear Regulator
September, 2006 ??Rev. 2
logo
Toshiba Semiconductor
TA58L05S TOSHIBA-TA58L05S Datasheet
230Kb / 12P
250 mA Low Dropout Voltage Regulator
logo
ON Semiconductor
NCV4299AD233R2G ONSEMI-NCV4299AD233R2G Datasheet
196Kb / 20P
150 mA Low-Dropout Voltage Regulator
December, 2013 ??Rev. 3
logo
E-Tech Electronics LTD
LP2950-2951 ETL-LP2950-2951 Datasheet
294Kb / 7P
100 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Texas Instruments
TPS732 TI1-TPS732 Datasheet
1Mb / 39P
250-mA Low-Dropout Regulator
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504_13 Datasheet
145Kb / 10P
250 mA Dual Output Low Dropout Linear Regulator
April, 2013 ??Rev. 4
logo
Vishay Siliconix
SIP21110 VISHAY-SIP21110 Datasheet
452Kb / 12P
250-mA Adjustable, Low Dropout Regulator
08-Jun-09
logo
Texas Instruments
TPS766 TI1-TPS766 Datasheet
2Mb / 44P
TPS766 250-mA, 16-V Low-Dropout Voltage Regulator
REVISED DECEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com