Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSM828303 Datasheet (PDF) - Texas Instruments

TPSM828303 Datasheet PDF - Texas Instruments
Part # TPSM828303
Download  TPSM828303 Download
File Size   3511.72 Kbytes
Page   45 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPSM82830x, Low EMI, 2.25V to 5.5V input, 1A, 2A, and 3A Step-Down Power Modules With Integrated Inductor in QFN and MagPack™ Packages

TPSM828303 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPSM828303 Datasheet PDF - Texas Instruments

Part # TPSM828303
Download  TPSM828303 Click to download

File Size   3511.72 Kbytes
Page   45 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPSM82830x, Low EMI, 2.25V to 5.5V input, 1A, 2A, and 3A Step-Down Power Modules With Integrated Inductor in QFN and MagPack™ Packages

TPSM828303 Datasheet (HTML) - Texas Instruments


TPSM828303 Product details

1 Features
• Optimized EMI performance
– Facilitates CISPR 11/32 compliance
– MagPack technology shields inductor and IC
– Integrated on-chip noise-filtering capacitors
• 0.5V to 4.5V adjustable output voltage
• 1% FB voltage accuracy (–40°C to 125°C TJ)
• 55mΩ dropout resistance
• 2.25V to 5.5V input voltage range
• 2.0MHz switching frequency
• 7μA operating quiescent current
• DCS-Control topology
• Excellent transient response
• MODE pin selectable FPWM or PSM
• Supports 1.2V GPIO
• 100% duty cycle for lowest dropout
• Active output discharge
• Power-good output
• Thermal shutdown protection
• Hiccup or latch-off OCP/OVP
• Package options with no bondwires
– Standard QFN, 1.95mm height
– Shielded MagPack package, 1.95mm height
• Create a custom design using the TPSM828303
with the WEBENCH® Power Designer

2 Applications
• Industrial PC
• LPDDR5 0.5V VDDQ Supply
• ASIC, SoC, and MCU supply
• Factory automation and control
• Medical patient monitor
• Generic point of load

3 Description
The TPSM82830x are a family of 1A, 2A, and
3A, pin-to-pin compatible, easy-to-use, synchronous,
step-down, DC/DC modules with integrated inductor
and EMI reduction technologies. The devices use
DCS-Control topology for fast transient response with
small output capacitance. The output voltage can be
set down to 0.5V with high feedback voltage accuracy
of 1% over the full operating junction temperature
range. A mode pin selects between power saving
and forced-PWM mode. The power save mode is for
longer battery life and the forced PWM mode reduces
ripple with continuous conduction in the inductor at
a quasi fixed switching frequency. An internal softstart
circuit reduces inrush current and a power-good
signal indicates correct output voltage. HICCUP shortcircuit
protection combined with thermal shutdown
protect device and application. The family is available
in a 3.0mm × 3.0mm QFN package and in the
2.5mm × 2.6mm MagPack package.




Similar Part No. - TPSM828303

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPSM828303 TI1-TPSM828303 Datasheet
2Mb / 33P
TPSM828303, 2.25-V to 5.5-V input, 1-, 2-, 3-A Step-Down Power Module With Integrated Inductor
JULY 2023
TPSM828303 TI1-TPSM828303 Datasheet
2Mb / 35P
TPSM82830x, 2.25-V to 5.5-V input, 1-, 2-, 3-A Step-Down Power Module With Integrated Inductor
DECEMBER 2023
TPSM828303 TI1-TPSM828303 Datasheet
3Mb / 42P
TPSM82830x, Low EMI, 2.25V to 5.5V input, 1A, 2A and 3A Step-Down Power Module With Integrated Inductor in QFN and MagPack™ Package
JUNE 2024
TPSM828303ARDSR TI1-TPSM828303ARDSR Datasheet
2Mb / 33P
TPSM828303, 2.25-V to 5.5-V input, 1-, 2-, 3-A Step-Down Power Module With Integrated Inductor
JULY 2023
TPSM828303ARDSR TI1-TPSM828303ARDSR Datasheet
2Mb / 35P
TPSM82830x, 2.25-V to 5.5-V input, 1-, 2-, 3-A Step-Down Power Module With Integrated Inductor
DECEMBER 2023
More results


Similar Description - TPSM828303

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L2751 EXAR-XR16L2751 Datasheet
618Kb / 52P
2.25V TO 5.5V DUART WITH 64-BYTE FIFO AND POWERSAVE
logo
Renesas Technology Corp
RAA23021X RENESAS-RAA23021X_15 Datasheet
1Mb / 36P
5.5V Input, 3A, Step-Down DC/DC Converter LDO
logo
Monolithic Power System...
MPM3620 MPS-MPM3620 Datasheet
930Kb / 24P
24V Input 2A Module Synchronous Step-Down Converter with Integrated Inductor
MPM3804 MPS-MPM3804 Datasheet
1Mb / 16P
0.6A, 5.5V Input Step-Down Module Synchronous Regulator with Integrated Inductor in Ultra-Small 2x2x0.9mm QFN Package
MPM3820 MPS-MPM3820 Datasheet
1Mb / 17P
6V Input, 2A Module Synchronous Step-Down Converter with Integrated Inductor
MPM3830 MPS-MPM3830 Datasheet
1Mb / 17P
6V Input, 3A Module Synchronous Step-Down Converter with Integrated Inductor
MPM3840 MPS-MPM3840 Datasheet
908Kb / 18P
2.8V-5.5V, 4A, Power Module, Synchronous Step-Down Converter with Integrated Inductor
logo
Maxim Integrated Produc...
MAXM17623 MAXIM-MAXM17623 Datasheet
920Kb / 18P
2.9V to 5.5V, 1A Himalaya uSLIC Step-Down Power Modules
Rev 1; 2/19
logo
Monolithic Power System...
MPM3570E MPS-MPM3570E Datasheet
875Kb / 20P
Ultra Low EMI, 75V Input, 0.3A Step-Down Power Module with Integrated Inductor
logo
Maxim Integrated Produc...
MAX17623 MAXIM-MAX17623 Datasheet
2Mb / 19P
2.9V to 5.5V,1A, Synchronous Step-Down Converter with Integrated MOSFETs
Rev 0; 10/20
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com