Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DR-60 Datasheet (PDF) - Astrodyne Corporation

DR-60 Datasheet PDF - Astrodyne Corporation
Part # DR-60
Download  DR-60 Download
File Size   283.86 Kbytes
Page   2 Pages
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation
Description 60W Single Output Industrial DIN Rail Power Supply

DR-60 Datasheet (PDF)

Go To PDF Page Download Datasheet
DR-60 Datasheet PDF - Astrodyne Corporation

Part # DR-60
Download  DR-60 Click to download

File Size   283.86 Kbytes
Page   2 Pages
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation
Description 60W Single Output Industrial DIN Rail Power Supply

DR-60 Datasheet (HTML) - Astrodyne Corporation


DR-60 Product details

Features :
• Universal AC input/Full range
• Protections: Short circuit / Overload / Over voltage
• Cooling by free air convection
• Can be installed on DIN rail TS-35/7.5 or 15
• UL 508(industrial control equipment)approved
• Isolation class II
• LED indicator for power on
• 100% full load burn-in test
• 3 years warranty




Similar Part No. - DR-60

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
DR-60 MEANWELL-DR-60 Datasheet
130Kb / 2P
60W Single Output Industrial DIN Rail Power Supply
DR-60 MEANWELL-DR-60 Datasheet
331Kb / 2P
60W Single Output Industrial DIN Rail Power Supply
logo
Total Power Internation...
DR-60 TOTAL-POWER-DR-60 Datasheet
401Kb / 2P
60W Single Output Industrial DIN Rail Power Supply
logo
Mean Well Enterprises C...
DR-60-12 MEANWELL-DR-60-12 Datasheet
130Kb / 2P
60W Single Output Industrial DIN Rail Power Supply
DR-60-12 MEANWELL-DR-60-12 Datasheet
331Kb / 2P
60W Single Output Industrial DIN Rail Power Supply
More results


Similar Description - DR-60

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
DRP-240 ASTRODYNE-DRP-240 Datasheet
322Kb / 2P
240W Single Output Industrial DIN RAIL Power Supply
logo
Mean Well Enterprises C...
DR-60 MEANWELL-DR-60 Datasheet
130Kb / 2P
60W Single Output Industrial DIN Rail Power Supply
MDR-60 MEANWELL-MDR-60 Datasheet
255Kb / 2P
60W Single Output Industrial DIN Rail Power Supply
logo
Altech corporation
PS-S60 ALTECH-PS-S60 Datasheet
613Kb / 2P
60W Single Output Industrial DIN Rail Power Supply
PS-60 ALTECH-PS-60_1 Datasheet
87Kb / 2P
60W Single Output Industrial DIN Rail Power Supply
logo
Mean Well Enterprises C...
DR-60 MEANWELL-DR-60_10 Datasheet
331Kb / 2P
60W Single Output Industrial DIN Rail Power Supply
MDR-60 MEANWELL-MDR-60_11 Datasheet
257Kb / 2P
60W Single Output Industrial DIN Rail Power Supply
DR-60 MEANWELL-DR-60_11 Datasheet
331Kb / 2P
60W Single Output Industrial DIN Rail Power Supply
logo
Total Power Internation...
DR-60 TOTAL-POWER-DR-60 Datasheet
401Kb / 2P
60W Single Output Industrial DIN Rail Power Supply
MDR-60 TOTAL-POWER-MDR-60 Datasheet
402Kb / 2P
60W Single Output Industrial DIN Rail Power Supply
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com