Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0812780 Datasheet (PDF) - PHOENIX CONTACT

0812780 Datasheet PDF - PHOENIX CONTACT
Part # 0812780
Download  0812780 Download
File Size   179.82 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZB 6/OG:LGS 10-100 - Zack marker strip

0812780 Datasheet (PDF)

Go To PDF Page Download Datasheet
0812780 Datasheet PDF - PHOENIX CONTACT

Part # 0812780
Download  0812780 Click to download

File Size   179.82 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZB 6/OG:LGS 10-100 - Zack marker strip

0812780 Datasheet (HTML) - PHOENIX CONTACT


0812780 Product details

Zack marker strip, Strip, orange, labeled, printed horizontally: Sets of ten 10 - 100, mounting
type: snap into tall marker groove, for terminal block width: 6.2 mm, Number of individual labels:
10




Similar Part No. - 0812780

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
08127 QUALTEK-08127 Datasheet
233Kb / 1P
WIRE FORM FAN GUARD (254mm)
logo
PHOENIX CONTACT
0812706 PHOENIX-0812706 Datasheet
53Kb / 3P
Zack marker strip - ZB 5/OG:LGS 10-100
09/11/2020
0812719 PHOENIX-0812719 Datasheet
53Kb / 2P
Zack marker strip - ZB 6/OG:UNPRINTED
0812722 PHOENIX-0812722 Datasheet
175Kb / 4P
ZB 6/YE:UNPRINTED - Zack marker strip
0812735 PHOENIX-0812735 Datasheet
53Kb / 3P
Zack marker strip - ZB 6/BU:UNPRINTED
09/11/2020
More results


Similar Description - 0812780

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0812719 PHOENIX-0812719 Datasheet
53Kb / 2P
Zack marker strip - ZB 6/OG:UNPRINTED
0824941 PHOENIX-0824941 Datasheet
58Kb / 3P
Zack marker strip - ZB 10 CUS
0824992 PHOENIX-0824992 Datasheet
47Kb / 2P
Zack marker strip - ZB 6 CUS
1051003 PHOENIX-1051003 Datasheet
49Kb / 2P
Zack marker strip - ZB 6:UNBEDRUCKT
1051210 PHOENIX-1051210 Datasheet
53Kb / 2P
Zack marker strip - ZB 6/OG,LGS: 10-100
1053001 PHOENIX-1053001 Datasheet
62Kb / 3P
Zack marker strip - ZB 10:UNBEDRUCKT
5061484 PHOENIX-5061484 Datasheet
53Kb / 2P
Zack marker strip - ZB 6/GN-100:UNBEDRUCKT
5061523 PHOENIX-5061523 Datasheet
53Kb / 2P
Zack marker strip - ZB 6/BU-100:UNBEDRUCKT
0812706 PHOENIX-0812706 Datasheet
53Kb / 3P
Zack marker strip - ZB 5/OG:LGS 10-100
09/11/2020
0812735 PHOENIX-0812735 Datasheet
53Kb / 3P
Zack marker strip - ZB 6/BU:UNPRINTED
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com