Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL431ASA-TP Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TL431ASA-TP Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TL431ASA-TP
Download  TL431ASA-TP Download
File Size   2624.3 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Precision adjustable reference source

TL431ASA-TP Datasheet (PDF)

Go To PDF Page Download Datasheet
TL431ASA-TP Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TL431ASA-TP
Download  TL431ASA-TP Click to download

File Size   2624.3 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Precision adjustable reference source

TL431ASA-TP Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TL431ASA-TP Product details

Features
« Adjustable output voltage range: 2.495V~36V
o Low Dynamic Output Resistance: 0.15Q(typ)
o Low Temperature Deviation: 5mV/(typ)
« Low Output Noise
« High Stability under Capacitive Load
o Current capacity range 1-100 mA
« accuracy 0.5%
o Package appearance SOT23 |




Similar Part No. - TL431ASA-TP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
TL431ASA-7 DIODES-TL431ASA-7 Datasheet
363Kb / 14P
ADJUSTABLE PRECISION SHUNT REGULATOR
DS35050 Rev. 2 - 2
More results


Similar Description - TL431ASA-TP

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV431LT1 AVICTEK-AV431LT1 Datasheet
208Kb / 4P
Adjustable Reference Source
logo
Guangdong Kexin Industr...
TL431 KEXIN-TL431 Datasheet
54Kb / 2P
Adjustable Accurate Reference Source
TL431-89 KEXIN-TL431-89 Datasheet
915Kb / 2P
Adjustable Accurate Reference Source
TL431-HF-89 KEXIN-TL431-HF-89 Datasheet
992Kb / 2P
Adjustable Accurate Reference Source
TL431K KEXIN-TL431K Datasheet
1Mb / 3P
Adjustable Accurate Reference Source
TL431K-3 KEXIN-TL431K-3 Datasheet
1Mb / 3P
Adjustable Accurate Reference Source
TL431K-89 KEXIN-TL431K-89 Datasheet
1Mb / 3P
Adjustable Accurate Reference Source
logo
SHENZHEN SLS TECHNOLOGY...
SLS431 SHENZHENSLS-SLS431 Datasheet
585Kb / 3P
Encapsulate Precision Adjustable Reference Source
logo
Shenzhen Luguang Electr...
431 LUGUANG-431 Datasheet
795Kb / 2P
Adjustable Accurate Reference Source
logo
DONGGUAN YOU FENG WEI E...
TL431 YFWDIODE-TL431 Datasheet
424Kb / 3P
Adjustable Accurate Reference Source
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com