Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPS-30 Datasheet (PDF) - Astrodyne Corporation

MPS-30 Datasheet PDF - Astrodyne Corporation
Part # MPS-30
Download  MPS-30 Download
File Size   374.48 Kbytes
Page   2 Pages
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation
Description 30W Single Output for Medical Type

MPS-30 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPS-30 Datasheet PDF - Astrodyne Corporation

Part # MPS-30
Download  MPS-30 Click to download

File Size   374.48 Kbytes
Page   2 Pages
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation
Description 30W Single Output for Medical Type

MPS-30 Datasheet (HTML) - Astrodyne Corporation


MPS-30 Product details

Features :

Universal AC input / Full range

Low leakage current 0.3mA

Protections: Short circuit / Overload / Over voltage / Over temperature

Fixed switching frequency at 100KHz

Low cost

High reliability

3 years warranty




Similar Part No. - MPS-30

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MPS-30 TOTAL-POWER-MPS-30 Datasheet
297Kb / 2P
30W Single Output for Medical Type
logo
Mean Well Enterprises C...
MPS-30 MEANWELL-MPS-30 Datasheet
504Kb / 2P
30W Single Output for Medical Type
logo
MicroPower Direct, LLC
MPS-30 MPD-MPS-30 Datasheet
890Kb / 2P
Low Cost, Open Frame 30W EN60601 (Medical) Approved AC/DC Power Supplies
logo
Mean Well Enterprises C...
MPS-30 MEANWELL-MPS-30 Datasheet
506Kb / 2P
30W Single Output for Medical Type
logo
Total Power Internation...
MPS-30-12 TOTAL-POWER-MPS-30-12 Datasheet
297Kb / 2P
30W Single Output for Medical Type
More results


Similar Description - MPS-30

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MPS-30 TOTAL-POWER-MPS-30 Datasheet
297Kb / 2P
30W Single Output for Medical Type
logo
Astrodyne Corporation
MPS-45 ASTRODYNE-MPS-45 Datasheet
1Mb / 6P
45W Single Output for Medical Type
MPS-65 ASTRODYNE-MPS-65 Datasheet
1Mb / 6P
65W Single Output for Medical Type
logo
Mean Well Enterprises C...
MPS-30 MEANWELL-MPS-30 Datasheet
504Kb / 2P
30W Single Output for Medical Type
MPS-30 MEANWELL-MPS-30_10 Datasheet
506Kb / 2P
30W Single Output for Medical Type
MPS-30 MEANWELL-MPS-30_11 Datasheet
521Kb / 2P
30W Single Output for Medical Type
IRM-30 MEANWELL-IRM-30 Datasheet
90Kb / 4P
30W Single Output Encapsulated Type
RPS-30 MEANWELL-RPS-30_15 Datasheet
105Kb / 4P
30W Single Output Medical Type
logo
Astrodyne Corporation
MPS30 ASTRODYNE-MPS30 Datasheet
342Kb / 4P
30W Single Output for Medical Type
logo
DIWELL Electronics Co.,...
IRM-30 DIWELL-IRM-30 Datasheet
64Kb / 2P
30W Single Output Encapsulated Type
2014-12-26
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com