Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33CK256MC502 Datasheet (PDF) - Microchip Technology

DSPIC33CK256MC502 Datasheet PDF - Microchip Technology
Part # DSPIC33CK256MC502
Download  DSPIC33CK256MC502 Download
File Size   18765.47 Kbytes
Page   984 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 16-Bit Digital Signal Controllers with High-Speed PWM and CAN Flexible Data-Rate (CAN FD)

DSPIC33CK256MC502 Datasheet (PDF)

Go To PDF Page Download Datasheet
DSPIC33CK256MC502 Datasheet PDF - Microchip Technology

Part # DSPIC33CK256MC502
Download  DSPIC33CK256MC502 Click to download

File Size   18765.47 Kbytes
Page   984 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 16-Bit Digital Signal Controllers with High-Speed PWM and CAN Flexible Data-Rate (CAN FD)

DSPIC33CK256MC502 Datasheet (HTML) - Microchip Technology


DSPIC33CK256MC502 Product details

Advanced Analog Features
• High-Speed ADC module:
– 12-bit with one shared SAR ADC core
– Configurable resolution (up to 12-bit)
– Up to 3.5 Msps conversion rate per channel at 12-bit resolution
– Up to 20 input channels
– Dedicated result buffer for each analog channel
– Flexible and independent ADC trigger sources
– Four digital comparators
– Four oversampling filters for increased resolution
• Two Analog Comparators:
– 15 ns analog comparator
• Up to Three Op Amps:
– 20 MHz GBW
– 40 v/μs slew rate
– ±1 mV offset voltage (typical)
• Two 12-Bit DACs:
– Hardware slope compensation
– One buffered DAC output

Peripheral Features
• One Quadrature Encoder Interface (QEI):
– Four inputs: Phase A, Phase B, Home, Index
– One 32-bit timer/counter (in QEI module, available if encoder is not used)
• Small Pin Count Packages Ranging from 28 to 64 Pins, Including UQFN as Small as 4x4 mm
• High-Current I/O Sink/Source
• Edge or Level Change Notification Interrupt on I/O Pins
• Peripheral Pin Select (PPS) Remappable Pins
• Current Bias Generators

Safety Features
• Backup Fast RC Oscillator (BFRC)
• Brown-out Reset (BOR)
• Capless Internal Voltage Regulator
• Clock Monitor System with Backup Oscillator
• CodeGuard™ Security
• Cyclic Redundancy Check (CRC)
• Dual Watchdog Timer (WDT)
• Fail-Safe Clock Monitoring (FSCM)
• Flash Error Correcting Code (ECC)
• Flash OTP by ICSP™ Write Inhibit
• RAM Memory Built-In Self-Test (MBIST)
• Two-Speed Start-up
• Virtual Pins for Redundancy and Monitoring
• Windowed Deadman Timer (DMT)




Similar Part No. - DSPIC33CK256MC502

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC33CK256MP202 MICROCHIP-DSPIC33CK256MP202 Datasheet
5Mb / 640P
28/36/48/64/80-Pin, 16-Bit Digital Signal Controllers with High-Resolution PWM and CAN Flexible Data (CAN FD)
02/28/20
DSPIC33CK256MP203 MICROCHIP-DSPIC33CK256MP203 Datasheet
5Mb / 640P
28/36/48/64/80-Pin, 16-Bit Digital Signal Controllers with High-Resolution PWM and CAN Flexible Data (CAN FD)
02/28/20
DSPIC33CK256MP205 MICROCHIP-DSPIC33CK256MP205 Datasheet
5Mb / 640P
28/36/48/64/80-Pin, 16-Bit Digital Signal Controllers with High-Resolution PWM and CAN Flexible Data (CAN FD)
02/28/20
DSPIC33CK256MP206 MICROCHIP-DSPIC33CK256MP206 Datasheet
5Mb / 640P
28/36/48/64/80-Pin, 16-Bit Digital Signal Controllers with High-Resolution PWM and CAN Flexible Data (CAN FD)
02/28/20
DSPIC33CK256MP208 MICROCHIP-DSPIC33CK256MP208 Datasheet
5Mb / 640P
28/36/48/64/80-Pin, 16-Bit Digital Signal Controllers with High-Resolution PWM and CAN Flexible Data (CAN FD)
02/28/20
More results


Similar Description - DSPIC33CK256MC502

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC33FJ06GS001 MICROCHIP-DSPIC33FJ06GS001_12 Datasheet
3Mb / 352P
16-Bit Microcontrollers and Digital Signal Controllers with High-Speed PWM, ADC and Comparators
11/29/11
DSPIC33FJ32GS406 MICROCHIP-DSPIC33FJ32GS406_12 Datasheet
3Mb / 456P
16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
11/29/11
DSPIC33FJ64GS606-IPT MICROCHIP-DSPIC33FJ64GS606-IPT Datasheet
3Mb / 456P
16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
11/29/11
DSPIC33FJ06GS101A-I MICROCHIP-DSPIC33FJ06GS101A-I Datasheet
3Mb / 352P
16-Bit Microcontrollers and Digital Signal Controllers with High-Speed PWM, ADC and Comparators
11/29/11
logo
ON Semiconductor
NCV7351 ONSEMI-NCV7351_16 Datasheet
121Kb / 14P
High Speed CAN, CAN FD Transceiver
March, 2016 ??Rev. 2
logo
Texas Instruments
TCAN330 TI1-TCAN330_16 Datasheet
1Mb / 40P
3.3-V CAN Transceivers with CAN FD (Flexible Data Rate)
logo
Microchip Technology
MCP2561FD MICROCHIP-MCP2561FD Datasheet
1Mb / 32P
High-Speed CAN Flexible Data Rate Transceiver
03/25/14
DSPIC33CH128MP508 MICROCHIP-DSPIC33CH128MP508 Datasheet
7Mb / 822P
28/36/48/64/80-Pin Dual Core, 16-Bit Digital Signal Controllers with High-Resolution PWM and CAN Flexible Data (CAN FD)
05/14/19
DSPIC33CH512MP508 MICROCHIP-DSPIC33CH512MP508 Datasheet
7Mb / 814P
48/64/80-Pin Dual Core, 16-Bit Digital Signal Controllers with High-Resolution PWM and CAN Flexible Data-Rate (CAN FD)
05/14/19
DSPIC33CK256MP508 MICROCHIP-DSPIC33CK256MP508 Datasheet
5Mb / 640P
28/36/48/64/80-Pin, 16-Bit Digital Signal Controllers with High-Resolution PWM and CAN Flexible Data (CAN FD)
02/28/20
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com