Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61040DBVR-TP Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPS61040DBVR-TP Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPS61040DBVR-TP
Download  TPS61040DBVR-TP Download
File Size   4223.74 Kbytes
Page   8 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description High Efficiency 1MHz, Low Power Boost Converter

TPS61040DBVR-TP Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS61040DBVR-TP Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPS61040DBVR-TP
Download  TPS61040DBVR-TP Click to download

File Size   4223.74 Kbytes
Page   8 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description High Efficiency 1MHz, Low Power Boost Converter

TPS61040DBVR-TP Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPS61040DBVR-TP Product details

Features

« Input voltage range 2.7V to 5.5

« Output voltage range up to 30V

'« 500mA peak Internal Switch Current
« Up to 1MHz Switching Frequency

« Internal Soft Start

« Cycle by Cycle Current Limit

o Low Quiescent Current: 0.3mA
RoHS and Halogen free compliance
o Compact package: SOT23-5




Similar Part No. - TPS61040DBVR-TP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61040DBVR TI-TPS61040DBVR Datasheet
527Kb / 22P
LOW-POWER DC/DC BOOST CONVERTER IN SOT-23 AND SON PACKAGES
TPS61040DBVR TI-TPS61040DBVR Datasheet
977Kb / 27P
LOW-POWER DC/DC BOOST CONVERTER IN SOT-23 AND SON PACKAGES
TPS61040DBVRG4 TI-TPS61040DBVRG4 Datasheet
527Kb / 22P
LOW-POWER DC/DC BOOST CONVERTER IN SOT-23 AND SON PACKAGES
TPS61040DBVRG4 TI-TPS61040DBVRG4 Datasheet
977Kb / 27P
LOW-POWER DC/DC BOOST CONVERTER IN SOT-23 AND SON PACKAGES
More results


Similar Description - TPS61040DBVR-TP

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2145 MICREL-MIC2145 Datasheet
219Kb / 15P
High Efficiency 2.5W Boost Converter
MIC2145 MICREL-MIC2145_05 Datasheet
242Kb / 15P
High Efficiency 2.5W Boost Converter
logo
Richtek Technology Corp...
RT4812 RICHTEK-RT4812 Datasheet
549Kb / 14P
High Efficiency Boost Converter
RT4813 RICHTEK-RT4813 Datasheet
1,011Kb / 16P
High Efficiency Boost Converter
RT4813A RICHTEK-RT4813A Datasheet
1,002Kb / 15P
High Efficiency Boost Converter
logo
Seaward Electronics Inc...
SE3609 SEAWARD-SE3609 Datasheet
292Kb / 8P
1MHz/1.2A Synchronous Boost Converter
logo
E-CMOS Corporation
EC90X9 E-CMOS-EC90X9 Datasheet
574Kb / 9P
High efficiency synchronous boost converter
logo
Shenzhen Huazhimei Semi...
HM6380 HMSEMI-HM6380 Datasheet
1Mb / 13P
Low-power, high-efficiency synchronous boost converter
logo
Lowpower Semiconductor ...
LP3318 POWER-LP3318 Datasheet
353Kb / 6P
1MHz,36V/1.5A High Performance, Boost Converter
logo
Shenzhen Huazhimei Semi...
HM1548 HMSEMI-HM1548 Datasheet
572Kb / 5P
1MHz, 3A boost converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com