Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPTMUX1101DBVR Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPTMUX1101DBVR Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPTMUX1101DBVR
Download  TPTMUX1101DBVR Download
File Size   2567.78 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description SINGLE-CHANNEL 2Q SPST Analog Switches

TPTMUX1101DBVR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPTMUX1101DBVR Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPTMUX1101DBVR
Download  TPTMUX1101DBVR Click to download

File Size   2567.78 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description SINGLE-CHANNEL 2Q SPST Analog Switches

TPTMUX1101DBVR Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPTMUX1101DBVR Product details

Features

» Low On-resistance, Ron=20Q

+ 1.8V Logic Compatible Control Pin

« Overrides VDD to Achieve True Isolation
Even When Supply Is Dead

» High OffIsolation: -100dB @ 100KHz

» Low Channel-to-Channel Crosstalk:
-97dB @ 100KHz

» High Bandwidth (-3dB @300MHz) Suitable
For USB2.0 High-Speed Routing

» Low Quiescent Current (<2uA) With Very

Wide Supply Range (1.5V ~ 5.5V)




Similar Part No. - TPTMUX1101DBVR

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPTMUX1101DCKR TECHPUBLIC-TPTMUX1101DCKR Datasheet
2Mb / 5P
Single-Supply SPST Analog Switches
More results


Similar Description - TPTMUX1101DBVR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG211 INTERSIL-DG211 Datasheet
100Kb / 7P
SPST 4-Channel Analog Switches
June 1999
logo
Maxim Integrated Produc...
MAX323 MAXIM-MAX323 Datasheet
105Kb / 12P
Precision, Single-Supply, SPST Analog Switches
19-0347; Rev 1; 10/97
MAX4675 MAXIM-MAX4675 Datasheet
195Kb / 8P
3??Single SPST Analog Switches
Rev 0; 7/00
logo
Pericom Semiconductor C...
PS323 PERICOM-PS323 Datasheet
336Kb / 10P
Precision, Single-Supply SPST Analog Switches
PS301 PERICOM-PS301 Datasheet
265Kb / 7P
Precision, Single-Supply SPST Analog Switches
logo
BOWEI Integrated Circui...
HE017 BOWEI-HE017 Datasheet
103Kb / 1P
GaAs SPST Analog Switches
logo
Texas Instruments
TS12A4514 TI1-TS12A4514_14 Datasheet
717Kb / 19P
SPST CMOS ANALOG SWITCHES
TS12A4514 TI-TS12A4514_15 Datasheet
683Kb / 18P
SPST CMOS ANALOG SWITCHES
logo
Renesas Technology Corp
ISL84514 RENESAS-ISL84514 Datasheet
615Kb / 12P
Low-Voltage, Single Supply, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX323 MAXIM-MAX323_V01 Datasheet
1Mb / 13P
Precision, Single-Supply, SPST Analog Switches
2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com