Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX40204 Datasheet (PDF) - Analog Devices

MAX40204 Datasheet PDF - Analog Devices
Part # MAX40204
Download  MAX40204 Download
File Size   927.47 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 36V, Pin-Programmable Gain, Bidirectional CSA

MAX40204 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX40204 Datasheet PDF - Analog Devices

Part # MAX40204
Download  MAX40204 Click to download

File Size   927.47 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 36V, Pin-Programmable Gain, Bidirectional CSA

MAX40204 Datasheet (HTML) - Analog Devices


MAX40204 Product details

General Description
The MAX40204 is a high-precision, bidirectional, high-side
current-sense amplifier (CSA) with a wide input commonmode
range from -0.1V (ground sensing) to 36V.
The device's ultra-low 2μV input offset voltage allows the
use of small sense resistor to reduce power dissipation
and a very low, 0.05% gain error ensures measurement
accuracy.
The MAX40204 offers two gain options using a logic-level
input (GAIN) that provides the flexibility to change the gain
on the fly. On-the-fly gain adjustment capability allows
the system to enhance accuracy when measuring current
much smaller than set full-scale level. See Table 1 for gain
configurations. Additionally, the MAX40204 supports unidirectional
and bidirectional current sensing with an external
voltage applied to a reference input, REF.
The MAX40204 operates with single-supply in the range
of 1.7V to 5.5V while consuming only 21μA. Low operating
supply current and 70nA (typ) shutdown current help extend
battery life and make the MAX40204 ideal for
portable and battery-operated devices.
The MAX40204 is available in a small 8-bump, 0.35mmpitch
WLP (1.468mm x 0.848mm) and 8-pin TDFN (2mm x
2mm) packages and is specified over the -40°C to +125°C
extended operating temperature range.

Applications
● Current Sensing in Power Management Systems
● Portable and Battery-Operated Systems
● Medical Instruments
● Base Station
● Smart Phones and Tablets
● Notebook Computers

Benefits and Features
● -0.1V to 36V Wide Input Common Mode
● Ultra-Low, 2μV Input Offset Voltage
● On-the-Fly Gain Setting Input
● Bidirectional/Unidirectional Current Sensing
● 20nA (max) Input Bias Current
● Extremely Low, 50nV/°C Input Offset Tempco
● 0.05% Gain Error
● 21μA Supply Current
● 70nA (typ) Shutdown Current
● 1.7V to 5.5V Single Supply Operating Range
● Space-Saving 8-Bump WLP and 8-Pin TDFN
Packages




Similar Part No. - MAX40204

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX40204 MAXIM-MAX40204 Datasheet
396Kb / 6P
Wide -0.1V to 36V Input Range Common Mode Range
319-100615; Rev 0; 10/20
MAX40204EVKIT MAXIM-MAX40204EVKIT Datasheet
396Kb / 6P
Wide -0.1V to 36V Input Range Common Mode Range
319-100615; Rev 0; 10/20
MAX40204EVKIT# MAXIM-MAX40204EVKIT# Datasheet
396Kb / 6P
Wide -0.1V to 36V Input Range Common Mode Range
319-100615; Rev 0; 10/20
More results


Similar Description - MAX40204

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA103 BURR-BROWN-PGA103 Datasheet
119Kb / 7P
Programmable Gain AMPLIFIER
logo
Maxim Integrated Produc...
PGA100 MAXIM-PGA100 Datasheet
523Kb / 8P
Programmable Gain Amplifier
logo
National Semiconductor ...
LMP8100 NSC-LMP8100 Datasheet
1Mb / 30P
Programmable Gain Amplifier
LMP8100 NSC-LMP8100_08 Datasheet
1Mb / 30P
Programmable Gain Amplifier
logo
ANADIGICS, Inc
ARA2017 ANADIGICS-ARA2017 Datasheet
531Kb / 15P
Programmable Gain Amplifier
07/2008
ARA2017 ANADIGICS-ARA2017_12 Datasheet
520Kb / 17P
Programmable Gain Amplifier
rev 2.1
logo
Texas Instruments
PGA103 TI1-PGA103_09 Datasheet
134Kb / 9P
Programmable Gain AMPLIFIER
logo
Hotchip Technology Co.,...
TL431 HOTCHIP-TL431 Datasheet
706Kb / 6P
Programmable output voltage to 36V
logo
Skyworks Solutions Inc.
ARA2017 SKYWORKS-ARA2017 Datasheet
1Mb / 15P
Programmable Gain Amplifier
logo
Analog Devices
LTC6373 AD-LTC6373 Datasheet
3Mb / 34P
36V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25pA Input Bias Current
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com