Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP07A Datasheet (PDF) - 3PEAK INC.

TP07A Datasheet PDF - 3PEAK INC.
Part # TP07A
Download  TP07A Download
File Size   1532.19 Kbytes
Page   14 Pages
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.
Description 36-V, 1-MHz, 0.7-V/μs Operational Amplifier

TP07A Datasheet (PDF)

Go To PDF Page Download Datasheet
TP07A Datasheet PDF - 3PEAK INC.

Part # TP07A
Download  TP07A Click to download

File Size   1532.19 Kbytes
Page   14 Pages
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.
Description 36-V, 1-MHz, 0.7-V/μs Operational Amplifier

TP07A Datasheet (HTML) - 3PEAK INC.


TP07A Product details

Features
Supply Voltage: 4.5 V to 36 V
Rail-to-Rail Output
Bandwidth: 1 MHz
Slew Rate: 0.7 V/μs
Excellent EMI Suppress Performance
Offset Voltage: ±150 μV Maximum
Offset Voltage Temperature Drift: 2 μV/°C
Low Noise: 30 nV/√Hz at 1 kHz
Operating Temperature Range: −40°C to 125°C
Applications
Instrumentation
Active Filters, ASIC Input or Output Amplifier
Sensor Interface
Motor Control
Industrial Control
Description
The TP07A is the newest high supply voltage amplifier with
low offset, low power, and stable high-frequency response.
It incorporates 3PEAK’s proprietary and patented design
techniques to achieve excellent AC performance with 1-
MHz bandwidth, 0.7 V/μs slew rate, and low distortion
while drawing a quiescent current of only 900 μA per
amplifier. The input common-mode voltage range extends
to V−, and the outputs swing rail-to-rail. The TP07A can be
used as a plug-in replacement for commercially available
op amps to reduce power and improve the input/output
range and performance.
The combination of features makes the TP07A an ideal
choice for industrial control and instrumentation.




Similar Part No. - TP07A

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP07AC TOPPOWER-TP07AC Datasheet
275Kb / 3P
7W 4KVAC Isolation Wide Input AC/DC Converters
TP07AC220S0 TOPPOWER-TP07AC220S0 Datasheet
275Kb / 3P
7W 4KVAC Isolation Wide Input AC/DC Converters
TP07AC220S05W TOPPOWER-TP07AC220S05W Datasheet
275Kb / 3P
7W 4KVAC Isolation Wide Input AC/DC Converters
TP07AC220S09W TOPPOWER-TP07AC220S09W Datasheet
275Kb / 3P
7W 4KVAC Isolation Wide Input AC/DC Converters
TP07AC220S12W TOPPOWER-TP07AC220S12W Datasheet
275Kb / 3P
7W 4KVAC Isolation Wide Input AC/DC Converters
More results


Similar Description - TP07A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4627-1 AD-ADA4627-1 Datasheet
626Kb / 16P
36 V, 19 MHz, Low Noise, Low Bias Current, JFET Operational Amplifier
REV. A
logo
Texas Instruments
OPA170-EP TI1-OPA170-EP Datasheet
1Mb / 20P
36-V, SINGLE-SUPPLY, LOW-POWER OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TSB572 STMICROELECTRONICS-TSB572 Datasheet
2Mb / 27P
Low-power, 2.5 MHz, RR IO, 36 V BiCMOS operational amplifier
17-Dec-2015
logo
Texas Instruments
TLV07 TI1-TLV07 Datasheet
263Kb / 21P
36-V Precision, Rail-to-Rail Output Operational Amplifier
logo
STMicroelectronics
TSB571 STMICROELECTRONICS-TSB571 Datasheet
3Mb / 31P
Low-power, 2.5 MHz, RR IO, 36 V BiCMOS operational amplifier
Rev 7 - May 2020
logo
ON Semiconductor
NCS21911 ONSEMI-NCS21911 Datasheet
1Mb / 22P
Precision Operational Amplifier, 25 V Offset, Zero-Drift, 36 V Supply, 2 MHz
June, 2020 ??Rev. 2
logo
Texas Instruments
INA296A TI-INA296A_V02 Datasheet
2Mb / 33P
INA296x –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
REVISED AUGUST 2022
logo
STMicroelectronics
TSB621 STMICROELECTRONICS-TSB621 Datasheet
1Mb / 35P
Low power, 1.7 MHz, rail-to-rail output, 36 V operational amplifier
01-Dec-2022
logo
Texas Instruments
INA296A TI1-INA296A_V03 Datasheet
2Mb / 38P
INA296x –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
REVISED JULY 2023
INA296A TI-INA296A_V04 Datasheet
2Mb / 43P
INA296x –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
REVISED OCTOBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com