Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6CB332008A100ZLFEX Datasheet (PDF) - Diodes Incorporated

PI6CB332008A100ZLFEX Datasheet PDF - Diodes Incorporated
Part # PI6CB332008A100ZLFEX
Download  PI6CB332008A100ZLFEX Download
File Size   1394.21 Kbytes
Page   26 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 8-Output Low-Power Fanout Clock Buffer for PCIe 6.0 Application

PI6CB332008A100ZLFEX Datasheet (PDF)

Go To PDF Page Download Datasheet
PI6CB332008A100ZLFEX Datasheet PDF - Diodes Incorporated

Part # PI6CB332008A100ZLFEX
Download  PI6CB332008A100ZLFEX Click to download

File Size   1394.21 Kbytes
Page   26 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 8-Output Low-Power Fanout Clock Buffer for PCIe 6.0 Application

PI6CB332008A100ZLFEX Datasheet (HTML) - Diodes Incorporated


PI6CB332008A100ZLFEX Product details

Features
8 Low-Power HCSL Outputs with On-Chip Termination
85Ω or 100Ω Output Impedance
Individual Output Enable
Supports I/O Power Down Tolerant
Flexible Startup Power Sequencing
Automatic Output Clock Parking Upon Loss of Input Clock
Up to 9 Selectable SMBus Addresses
Supports SBI OE# interface
Differential Output-to-Output Skew <50ps
Additive Phase Jitter
- PCIe 5.0: Typical 5fs RMS
- PCIe 6.0: Typical 3fs RMS
- DB2000QL: Typical 10fs RMS
3.3V Supply Voltage
Temperature Range: –40oC to 105oC
Packaging (Pb-free & Green):
- 40-pin, VQFN, 5mm x 5mm (ZLF)
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100/101/104/200, PPAP capable,
and manufactured in IATF 16949 certified facilities), please
contact us or your local Diodes representative.




Similar Part No. - PI6CB332008A100ZLFEX

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI6CB332008A100ZLFEX-13R DIODES-PI6CB332008A100ZLFEX-13R Datasheet
383Kb / 2P
Low Jitter 20-, 16-, 13-, 12-, 8- and 4-Output Clock Buffers Enhance Performance in PCIe® 6.0 Systems
February 2025
More results


Similar Description - PI6CB332008A100ZLFEX

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2DP818 CYPRESS-CY2DP818_12 Datasheet
414Kb / 13P
1:8 Clock Fanout Buffer
logo
Diodes Incorporated
PI6CBE33045 DIODES-PI6CBE33045 Datasheet
924Kb / 21P
Low-Power 4-Output ZDB / Fanout Clock Buffer for PCIe 5.0 and UPI
Rev 2 - 2 June 2022
PI6CBE33065 DIODES-PI6CBE33065 Datasheet
980Kb / 21P
Low-Power 6-Output ZDB / Fanout Clock Buffer for PCIe 5.0 and UPI
Rev 2 - 2 June 2022
PI6CBE33085 DIODES-PI6CBE33085 Datasheet
997Kb / 22P
Low-Power 8-Output ZDB / Fanout Clock Buffer for PCIe 5.0 and UPI
Rev 2 - 2 June 2022
PI6CBE33125 DIODES-PI6CBE33125 Datasheet
972Kb / 22P
Low-Power 12-Output ZDB / Fanout Clock Buffer for PCIe 5.0 and UPI
Rev 2 - 2 June 2022
logo
Renesas Technology Corp
6V31021 RENESAS-6V31021 Datasheet
285Kb / 10P
4-OUTPUT LOW POWER FANOUT BUFFER FOR PCIE GEN3 AND 10G ETHERNET
Mar 2020
9DBV0831 RENESAS-9DBV0831 Datasheet
772Kb / 19P
8-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 33Ohms
FEBRUARY 6, 2023
9DBV0841 RENESAS-9DBV0841 Datasheet
735Kb / 16P
8-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 100ohms
FEBRUARY 6, 2023
9DBL07X1 RENESAS-9DBL07X1 Datasheet
573Kb / 20P
7-Output 3.3V PCIe Fanout Buffer
AUGUST 1, 2017
9DBL09X1 RENESAS-9DBL09X1 Datasheet
577Kb / 20P
9-Output 3.3V PCIe Fanout Buffer
2017
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com