Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0811846 Datasheet (PDF) - PHOENIX CONTACT

0811846 Datasheet PDF - PHOENIX CONTACT
Part # 0811846
Download  0811846 Download
File Size   231.02 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZB 18,LGS:L1-N,PE - Zack marker strip

0811846 Datasheet (PDF)

Go To PDF Page Download Datasheet
0811846 Datasheet PDF - PHOENIX CONTACT

Part # 0811846
Download  0811846 Click to download

File Size   231.02 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZB 18,LGS:L1-N,PE - Zack marker strip

0811846 Datasheet (HTML) - PHOENIX CONTACT


0811846 Product details

Zack marker strip, Strip, white, labeled, printed horizontally: L1, L2, L3, N, PE, mounting type:
latching, for terminal block width: 18 mm, Number of individual labels: 5, text field height: 10.5
mm, text field width: 17.4 mm




Similar Part No. - 0811846

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0811833 PHOENIX-0811833 Datasheet
66Kb / 4P
Zack marker strip - ZB 18:UNBEDRUCKT
09/11/2020
0811862 PHOENIX-0811862 Datasheet
61Kb / 2P
Zack marker strip - ZB 22:UNBEDRUCKT
0811875 PHOENIX-0811875 Datasheet
230Kb / 6P
ZB 22,LGS:L1-N,PE - Zack marker strip
logo
Molex Electronics Ltd.
08118EV10F8 MOLEX11-08118EV10F8 Datasheet
46Kb / 1P
NSCC Male Housing, Terminal Size 1.50mm, Non-Sealed, 5.0mm Pitch, 10 Circuits
More results


Similar Description - 0811846

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0805001 PHOENIX-0805001 Datasheet
51Kb / 2P
Zack marker strip - ZB 4 :UNBEDRUCKT
0809845 PHOENIX-0809845 Datasheet
52Kb / 2P
Zack marker strip - ZB 5,08,LGS:U-N
0811998 PHOENIX-0811998 Datasheet
62Kb / 3P
Zack marker strip - ZB 15,LGS:L1-N,PE
0827462 PHOENIX-0827462 Datasheet
61Kb / 2P
Zack marker strip - ZB 16,LGS:L1-N,PE
1050415 PHOENIX-1050415 Datasheet
53Kb / 2P
Zack marker strip - ZB 5,LGS:L1-N,PE
1051414 PHOENIX-1051414 Datasheet
47Kb / 2P
Zack marker strip - ZB 6,LGS:L1-N,PE
1051430 PHOENIX-1051430 Datasheet
47Kb / 2P
Zack marker strip - ZB 6,LGS:U-N
1052413 PHOENIX-1052413 Datasheet
53Kb / 2P
Zack marker strip - ZB 8,LGS:L1-N,PE
1053412 PHOENIX-1053412 Datasheet
53Kb / 2P
Zack marker strip - ZB10,LGS:L1-N,PE
0811833 PHOENIX-0811833 Datasheet
66Kb / 4P
Zack marker strip - ZB 18:UNBEDRUCKT
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com