Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0825021 Datasheet (PDF) - PHOENIX CONTACT

0825021 Datasheet PDF - PHOENIX CONTACT
Part # 0825021
Download  0825021 Download
File Size   225.89 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZBF 19,7 CUS - Zack Marker strip, flat

0825021 Datasheet (PDF)

Go To PDF Page Download Datasheet
0825021 Datasheet PDF - PHOENIX CONTACT

Part # 0825021
Download  0825021 Click to download

File Size   225.89 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZBF 19,7 CUS - Zack Marker strip, flat

0825021 Datasheet (HTML) - PHOENIX CONTACT


0825021 Product details

Zack Marker strip, flat, can be ordered: Strip, white, labeled according to customer specifications,
mounting type: snap into flat marker groove, for terminal block width: 19.7 mm, Number of
individual labels: 5, text field height: 19.7 mm, text field width: 5.15 mm




Similar Part No. - 0825021

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0825020 PHOENIX-0825020 Datasheet
65Kb / 3P
Zack Marker strip, flat - ZBF 17 CUS
0825023 PHOENIX-0825023 Datasheet
226Kb / 5P
ZBF 4 CUS - Zack Marker strip, flat
0825025 PHOENIX-0825025 Datasheet
216Kb / 19P
Feed-through terminal block - ST 2,5-QUATTRO BK - 3037452
0825025 PHOENIX-0825025 Datasheet
180Kb / 22P
Ground modular terminal block - PT 2,5-QUATTRO-PE BK
0825025 PHOENIX-0825025 Datasheet
188Kb / 23P
Protective conductor double-level terminal block - PTTBS 2,5-PE/L
More results


Similar Description - 0825021

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0808587 PHOENIX-0808587 Datasheet
51Kb / 2P
Zack Marker strip, flat - ZBF 4: UNPRINTED
0808710 PHOENIX-0808710 Datasheet
54Kb / 2P
Zack Marker strip, flat - ZBF 6 UNPRINTED
0809735 PHOENIX-0809735 Datasheet
54Kb / 2P
Zack Marker strip, flat - ZBF 12: UNPRINTED
0811202 PHOENIX-0811202 Datasheet
54Kb / 2P
Zack Marker strip, flat - ZBF 15: UNPRINTED
0825019 PHOENIX-0825019 Datasheet
55Kb / 2P
Zack Marker strip, flat - ZBF 15 CUS
0825020 PHOENIX-0825020 Datasheet
65Kb / 3P
Zack Marker strip, flat - ZBF 17 CUS
0825030 PHOENIX-0825030 Datasheet
58Kb / 3P
Zack Marker strip, flat - ZBF 8 CUS
0827464 PHOENIX-0827464 Datasheet
62Kb / 3P
Zack Marker strip, flat - ZBF 16:UNPRINTED
0829134 PHOENIX-0829134 Datasheet
56Kb / 3P
Zack Marker strip, flat - ZBF 13 CUS
0809942 PHOENIX-0809942 Datasheet
66Kb / 4P
Zack Marker strip, flat - ZBF 7,5:UNBEDRUCKT
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com