Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0800035 Datasheet (PDF) - PHOENIX CONTACT

0800035 Datasheet PDF - PHOENIX CONTACT
Part # 0800035
Download  0800035 Download
File Size   232.52 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZB 5,LGS:GERADE ZAHLEN - Zack marker strip

0800035 Datasheet (PDF)

Go To PDF Page Download Datasheet
0800035 Datasheet PDF - PHOENIX CONTACT

Part # 0800035
Download  0800035 Click to download

File Size   232.52 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZB 5,LGS:GERADE ZAHLEN - Zack marker strip

0800035 Datasheet (HTML) - PHOENIX CONTACT


0800035 Product details

Zack marker strip, Strip, white, labeled, printed horizontally: Even numbers 2 ... 20, 22 ... 40, etc.
up to 82 ... 100, mounting type: latching, for terminal block width: 5.2 mm, Number of individual
labels: 10, text field height: 10.5 mm, text field width: 5.15 mm




Similar Part No. - 0800035

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0800039 PHOENIX-0800039 Datasheet
6Mb / 76P
THERMOMARK LINE
More results


Similar Description - 0800035

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824966 PHOENIX-0824966 Datasheet
56Kb / 2P
Zack marker strip - ZB 5/BU CUS
0824972 PHOENIX-0824972 Datasheet
56Kb / 2P
Zack marker strip - ZB 5/RD CUS
0824974 PHOENIX-0824974 Datasheet
56Kb / 2P
Zack marker strip - ZB 5/VT CUS
0824976 PHOENIX-0824976 Datasheet
56Kb / 2P
Zack marker strip - ZB 5/YE CUS
1050033-0005 PHOENIX-1050033-0005 Datasheet
55Kb / 2P
Zack marker strip - ZB 5,LGS:GLEICHE ZAHLEN 5
1050033-0006 PHOENIX-1050033-0006 Datasheet
55Kb / 2P
Zack marker strip - ZB 5,LGS:GLEICHE ZAHLEN 6
1050127 PHOENIX-1050127 Datasheet
53Kb / 2P
Zack marker strip - ZB 5,LGS:1-9
1050295 PHOENIX-1050295 Datasheet
53Kb / 2P
Zack marker strip - ZB 5:SO/CMS
1050415 PHOENIX-1050415 Datasheet
53Kb / 2P
Zack marker strip - ZB 5,LGS:L1-N,PE
0812641 PHOENIX-0812641 Datasheet
53Kb / 3P
Zack marker strip - ZB 5/YE:UNPRINTED
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com