Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLB28 Datasheet (PDF) - BeRex Corporation

BLB28 Datasheet PDF - BeRex Corporation
Part # BLB28
Download  BLB28 Download
File Size   1495.7 Kbytes
Page   16 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 2000 – 7000 MHz High Gain LNA

BLB28 Datasheet (PDF)

Go To PDF Page Download Datasheet
BLB28 Datasheet PDF - BeRex Corporation

Part # BLB28
Download  BLB28 Click to download

File Size   1495.7 Kbytes
Page   16 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 2000 – 7000 MHz High Gain LNA

BLB28 Datasheet (HTML) - BeRex Corporation


BLB28 Product details

Device Features
• Operated at 5.0V
• 33.0dBm Output IP3 at 0dBm/tone at 3600MHz
• 21.5dB Gain at 3600MHz
• 20.3dBm P1dB at 3600MHz
• 0.69dB NF at 3600MHz
• Fast shut down to support TDD systems
• Lead-free/Green/RoHS Compliant DFN8 2x2 Package

Product Description
BeRex’s BLB28 is a high Gain LNA, based on GaAs EpHEMT process and packaged in a RoHS-compliant DFN 8L 2x2mm2 Surface mount package. It is designed for use where low noise and high Gain are required and features low noise and high OIP3 at Frequency range of 2.0~7.0GHz. It is fast enable switching speed for TDD-5G application. All devices are 100% RF/DC tested and classified as HBM ESD Class 1C.

Applications
• Base station Infrastructure
• Commercial/Industrial/Military wireless system
• TDD or FDD LTE system/5G NR




Similar Part No. - BLB28

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BLB01 BEREX-BLB01 Datasheet
979Kb / 15P
0.5 ??1.5 GHz High Linearity LNA
BLB01 BEREX-BLB01 Datasheet
1Mb / 17P
500 – 1500 MHz High Linearity LNA
Rev. 6.6
BLB01 BEREX-BLB01_18 Datasheet
979Kb / 15P
0.5 ??1.5 GHz High Linearity LNA
BLB02 BEREX-BLB02 Datasheet
991Kb / 15P
1.5 ??2.7 GHz High Linearity LNA
BLB02 BEREX-BLB02 Datasheet
1Mb / 17P
1500 – 2700 MHz High Linearity LNA
Rev. 7.5
More results


Similar Description - BLB28

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB7001 STMICROELECTRONICS-STB7001 Datasheet
331Kb / 7P
900 MHz THREE GAIN LEVEL LNA
22-Jan-2002
logo
Tyco Electronics
MADCSM0012 MACOM-MADCSM0012 Datasheet
202Kb / 6P
PCS LNA / Downconverter 1800-2000 MHz
logo
TriQuint Semiconductor
TQP3M6005 TRIQUINT-TQP3M6005 Datasheet
414Kb / 7P
Mid Band Dual LNA (1700-2000 MHz)
TQL9042 TRIQUINT-TQL9042_15 Datasheet
643Kb / 9P
500 ??2000 MHz Bypass LNA
TQP3M9005 TRIQUINT-TQP3M9005_15 Datasheet
844Kb / 9P
High Linearity LNA Gain Block
logo
BeRex Corporation
BL022 BEREX-BL022 Datasheet
1Mb / 19P
50-3000 MHz Wideband LNA Gain Block
logo
Broadcom Corporation.
MGA-31189 BOARDCOM-MGA-31189 Datasheet
557Kb / 15P
0.25W High Gain Driver Amplifier 50 ??2000 MHz
logo
BeRex Corporation
BL022 BEREX-BL022_18 Datasheet
1Mb / 9P
50-3000 MHz Wideband LNA Gain Block
BL022A BEREX-BL022A_18 Datasheet
914Kb / 7P
50-6000 MHz Wideband LNA Gain Block
logo
Will Semiconductor Ltd.
WS7916S WILLSEMI-WS7916S Datasheet
813Kb / 6P
CMOS High Gain GPS LNA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com