Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7MP97FT Datasheet (PDF) - Toshiba Semiconductor

TC7MP97FT Datasheet PDF - Toshiba Semiconductor
Part # TC7MP97FT
Download  TC7MP97FT Download
File Size   269.21 Kbytes
Page   12 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Low Voltage Triple Configurable Multiple Function Gate with 3.6 V Tolerant Inputs and Outputs

TC7MP97FT Datasheet (PDF)

Go To PDF Page Download Datasheet
TC7MP97FT Datasheet PDF - Toshiba Semiconductor

Part # TC7MP97FT
Download  TC7MP97FT Click to download

File Size   269.21 Kbytes
Page   12 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Low Voltage Triple Configurable Multiple Function Gate with 3.6 V Tolerant Inputs and Outputs

TC7MP97FT Datasheet (HTML) - Toshiba Semiconductor


TC7MP97FT Product details

Low Voltage Triple Configurable Multiple Function Gate with 3.6 V Tolerant Inputs and Outputs

The TC7MP97,98 is a high performance CMOS multiple Function Gate which is guaranteed to operate from 1.2-V to 3.6-V. Designed for use in 1.5 V, 1.8 V, 2.5 V or 3.3 V systems, it achieves high speed operation while maintaining the CMOS low power dissipation.
It is also designed with over voltage tolerant inputs and outputs up to 3.6 V.
It independently consists of three circuits for Multiple Function Gate.
The output state is determined by seven patterns of 3-inputs.
The user can choose the functions of Multiplexer, AND, OR, NAND, Schmitt Inverter, and Schmitt Buffer.
All inputs are equipped with protection circuits against static discharge.

Features
• Low-voltage operation :VCC = 1.2 to 3.6 V
• High-speed operation : tpd = 8.5 ns (max) (VCC = 3.0 to 3.6 V)
                                      : tpd = 12.0 ns (max) (VCC = 2.3 to 2.7 V)
• Output current : |IOH|/IOL = ±8 mA (min) (VCC = 3.0 V)
                          : |IOH|/IOL = ±4 mA (min) (VCC = 2.3 V)
                          : |IOH|/IOL = ±1.5 mA (min) (VCC = 1.65 V)
• Latch-up performance : -300 mA
• ESD performance : Machine model ≥ ±200 V
                                  Human body model ≥ ±2000 V
• Package : VSSOP14 (US14),TSSOP14
• Power-down protection is provided on all inputs and outputs




Similar Part No. - TC7MP97FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MP01FK TOSHIBA-TC7MP01FK Datasheet
219Kb / 9P
Low-Voltage Triple Gate(6-input AND 4-input OR inverter)
TC7MP245FK TOSHIBA-TC7MP245FK Datasheet
264Kb / 12P
Low-Voltage/Low-Power Octal Bus Transceiver with Bus-hold
TC7MP245FTG TOSHIBA-TC7MP245FTG Datasheet
264Kb / 12P
Low-Voltage/Low-Power Octal Bus Transceiver with Bus-hold
TC7MP3125FK TOSHIBA-TC7MP3125FK Datasheet
332Kb / 23P
Low Voltage/Low Power 2-Bit 횞 2 Dual Supply Bus Transceiver
TC7MP3125FT TOSHIBA-TC7MP3125FT Datasheet
342Kb / 34P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-07-08 Rev.5.0
More results


Similar Description - TC7MP97FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SP97TU TOSHIBA-TC7SP97TU Datasheet
233Kb / 10P
Low Voltage Single Configurable Multiple Function Gate with 3.6 V Tolerant Inputs and Outputs
TC7MA2244FK TOSHIBA-TC7MA2244FK_07 Datasheet
220Kb / 9P
Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC7MAR2245FK TOSHIBA-TC7MAR2245FK Datasheet
225Kb / 10P
Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
TC74VCX00FT TOSHIBA-TC74VCX00FT_07 Datasheet
246Kb / 10P
Low-Voltage Quad 2-Input NAND Gate with 3.6-V Tolerant Inputs and Outputs
TC74VCX02FT TOSHIBA-TC74VCX02FT_07 Datasheet
246Kb / 10P
Low-Voltage Quad 2-Input NOR Gate with 3.6-V Tolerant Inputs and Outputs
TC74VCX04FT TOSHIBA-TC74VCX04FT_07 Datasheet
245Kb / 10P
Low-Voltage Hex Inverter with 3.6-V Tolerant Inputs and Outputs
TC74VCX08FT TOSHIBA-TC74VCX08FT_07 Datasheet
249Kb / 11P
Low-Voltage Quad 2-Input AND Gate with 3.6-V Tolerant Inputs and Outputs
TC74VCX32FT TOSHIBA-TC74VCX32FT_07 Datasheet
246Kb / 10P
Low-Voltage Quad 2-Input OR Gate with 3.6-V Tolerant Inputs and Outputs
TC74VCX245FT TOSHIBA-TC74VCX245FT_07 Datasheet
275Kb / 13P
Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
TC7SP57FU TOSHIBA-TC7SP57FU Datasheet
234Kb / 10P
Low Voltage Single Configurable Multiple Function Gate with 3.6-V Tolerant Inputs and Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com