Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL70100M30VZ Datasheet (PDF) - Renesas Technology Corp

ISL70100M30VZ Datasheet PDF - Renesas Technology Corp
Part # ISL70100M30VZ
Download  ISL70100M30VZ Download
File Size   1421.64 Kbytes
Page   35 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Tolerant 40V Current Sense Amplifier

ISL70100M30VZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL70100M30VZ Datasheet PDF - Renesas Technology Corp

Part # ISL70100M30VZ
Download  ISL70100M30VZ Click to download

File Size   1421.64 Kbytes
Page   35 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Tolerant 40V Current Sense Amplifier

ISL70100M30VZ Datasheet (HTML) - Renesas Technology Corp


ISL70100M30VZ Product details

Features
▪ Qualified to Renesas Rad Tolerant Screening and
QCI Flow (R34TB0004EU)
▪ Power supply range: 2.7V to 40V
▪ Input common-mode range: -0.3V to 40V
▪ Transconductance: 2μA/mV (typical)
• ±1% accuracy (TA = 25°C)
• ±1.5% accuracy (TA = -55°C, 125°C)
▪ Voltage offset: 10μV (typical), V+ = 12V
▪ Adjustable gain with a single resistor
▪ Operating temperature range: -55°C to +125°C
▪ Passes NASA low outgassing specifications
▪ 14 Ld TSSOP with NiPdAu-Ag lead finish
▪ TID Radiation Lot Acceptance Testing (RLAT)
(LDR: ≤ 10mrad(Si)/s)
• ISL70100M30VZ: 30krad(Si)
• ISL70100M50VZ: 50krad(Si)
▪ SEE Characterization
• No DSEE with RS+ = 42V and V+ = 42V at
43MeV•cm2/mg




Similar Part No. - ISL70100M30VZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70100SEH RENESAS-ISL70100SEH Datasheet
1Mb / 28P
Radiation Hardened 40V Current Sense Amplifiers
Jul.10.20
ISL70100SEHF/PROTO RENESAS-ISL70100SEHF/PROTO Datasheet
1Mb / 28P
Radiation Hardened 40V Current Sense Amplifiers
Jul.10.20
ISL70100SEHVF RENESAS-ISL70100SEHVF Datasheet
1Mb / 28P
Radiation Hardened 40V Current Sense Amplifiers
Jul.10.20
ISL70100SEHVX RENESAS-ISL70100SEHVX Datasheet
1Mb / 28P
Radiation Hardened 40V Current Sense Amplifiers
Jul.10.20
ISL70100SEHX/SAMPLE RENESAS-ISL70100SEHX/SAMPLE Datasheet
1Mb / 28P
Radiation Hardened 40V Current Sense Amplifiers
Jul.10.20
More results


Similar Description - ISL70100M30VZ

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
42142 MICROPAC-42142 Datasheet
198Kb / 8P
RADIATION TOLERANT POWER OPERATIONAL AMPLIFIER
42143 MICROPAC-42143 Datasheet
148Kb / 5P
RADIATION TOLERANT POWER OPERATIONAL AMPLIFIER
logo
Texas Instruments
INA240-Q1 TI1-INA240-Q1 Datasheet
547Kb / 10P
Current-Sense Amplifier
logo
Linear Technology
LT6119-1 LINER-LT6119-1 Datasheet
337Kb / 28P
Current Sense Amplifier
logo
Semtech Corporation
TS94033 SEMTECH-TS94033 Datasheet
1Mb / 10P
Current Sense Amplifier
logo
Silicon Supplies
SISA4080 SS-SISA4080 Datasheet
494Kb / 5P
Current Sense Amplifier
logo
Rohm
BD14210G-LA ROHM-BD14210G-LA Datasheet
983Kb / 19P
Current Sense Amplifier
03.Mar.2022 Rev.001
BD14210G-EVK-001 ROHM-BD14210G-EVK-001 Datasheet
668Kb / 4P
Current Sense Amplifier
Rev.001 Oct.2022
logo
Renesas Technology Corp
ISL70100SEH RENESAS-ISL70100SEH Datasheet
1Mb / 28P
Radiation Hardened 40V Current Sense Amplifiers
Jul.10.20
logo
Rohm
BD14215FVJ-LA ROHM-BD14215FVJ-LA Datasheet
1Mb / 19P
Current Sense Amplifier
06.Sep.2022 Rev.001
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com