Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10HSERIES Datasheet (PDF) - BRIGHTKING (SHENZHEN) CO LTD.

10HSERIES Datasheet PDF - BRIGHTKING (SHENZHEN) CO LTD.
Part # 10HSERIES
Download  10HSERIES Download
File Size   1382.59 Kbytes
Page   12 Pages
Manufacturer  BRIGHTKING [BRIGHTKING (SHENZHEN) CO LTD.]
Direct Link  http://brightking.pulseelectronics.com/index.aspx
Logo BRIGHTKING - BRIGHTKING (SHENZHEN) CO LTD.
Description Metal Oxide Varistors (MOV) Data Sheet

10HSERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
10HSERIES Datasheet PDF - BRIGHTKING (SHENZHEN) CO LTD.

Part # 10HSERIES
Download  10HSERIES Click to download

File Size   1382.59 Kbytes
Page   12 Pages
Manufacturer  BRIGHTKING [BRIGHTKING (SHENZHEN) CO LTD.]
Direct Link  http://brightking.pulseelectronics.com/index.aspx
Logo BRIGHTKING - BRIGHTKING (SHENZHEN) CO LTD.
Description Metal Oxide Varistors (MOV) Data Sheet

10HSERIES Datasheet (HTML) - BRIGHTKING (SHENZHEN) CO LTD.


10HSERIES Product details

Features
■ Wide operating voltage (V1mA) range from 18V to 1200V
■ Fast responding to transient over-voltage
■ Large absorbing transient energy capability
■ Low clamping ratio and no follow-on current
■ Meets MSL level 1, per J-STD-020
■ Operating Temperature:-40℃ ~ +140℃
■ Storage Temperature:-40℃ ~ +140℃
■ Safety certification: UL: E327997
TUV: B0960480010
CQC:17001172543
CSA: 246579

Applications
■ Transistor, diode, IC, thyristor or triac semiconductor protection
■ Surge protection in consumer electronics
■ Surge protection in industrial electronics
■ Surge protection in electronic home appliances, gas and petroleum appliances
■ Relay and electromagnetic valve surge absorption




Similar Part No. - 10HSERIES

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
10HS SEMTECH-10HS Datasheet
280Kb / 4P
SILICON PLANAR ZENER DIODE
logo
SEMTECH ELECTRONICS LTD...
10HS SEMTECH_ELEC-10HS Datasheet
273Kb / 5P
SILICON PLANAR ZENER DIODES
logo
Cooper Bussmann, Inc.
10HS07 COOPER-10HS07 Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
Semtech Corporation
10HSA SEMTECH-10HSA Datasheet
280Kb / 4P
SILICON PLANAR ZENER DIODE
logo
SEMTECH ELECTRONICS LTD...
10HSA SEMTECH_ELEC-10HSA Datasheet
273Kb / 5P
SILICON PLANAR ZENER DIODES
More results


Similar Description - 10HSERIES

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1V010 NTE-NTE1V010_13 Datasheet
67Kb / 3P
Metal Oxide Varistors (MOV)
logo
HuaXinAn Electronics CO...
VDR10D180L HUAXINAN-VDR10D180L Datasheet
453Kb / 6P
Metal Oxide Varistors (MOV)
VDR20D180L HUAXINAN-VDR20D180L Datasheet
456Kb / 6P
Metal Oxide Varistors (MOV)
VDR25D820K HUAXINAN-VDR25D820K Datasheet
295Kb / 6P
Metal Oxide Varistors (MOV)
VDR34S130 HUAXINAN-VDR34S130 Datasheet
280Kb / 5P
Metal Oxide Varistors (MOV)
32D HUAXINAN-32D Datasheet
191Kb / 4P
Metal Oxide Varistors (MOV)
34S HUAXINAN-34S Datasheet
280Kb / 5P
Metal Oxide Varistors (MOV)
34S471K HUAXINAN-34S471K Datasheet
280Kb / 5P
Metal Oxide Varistors (MOV)
10D HUAXINAN-10D Datasheet
453Kb / 6P
Metal Oxide Varistors (MOV)
20D HUAXINAN-20D Datasheet
456Kb / 6P
Metal Oxide Varistors (MOV)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com