Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R771 Datasheet (PDF) - EPCOS

R771 Datasheet PDF - EPCOS
Part # R771
Download  R771 Download
File Size   43.36 Kbytes
Page   5 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Resonator 314,875 / 315,125 MHz

R771 Datasheet (PDF)

Go To PDF Page Download Datasheet
R771 Datasheet PDF - EPCOS

Part # R771
Download  R771 Click to download

File Size   43.36 Kbytes
Page   5 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Resonator 314,875 / 315,125 MHz

R771 Datasheet (HTML) - EPCOS


R771 Product details

Features
■ 1-port resonator (2 Resonators in 1 housing)
■ Provides reliable, fundamental mode, quartz frequency stabilization i.e. in transmitters or local oscillators
■ Protection layer: Protec




Similar Part No. - R771

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R7723 HAMAMATSU-R7723_15 Datasheet
51Kb / 2P
PHOTOMULTIPLIER TUBE
logo
Richtek Technology Corp...
R7731 RICHTEK-R7731 Datasheet
542Kb / 11P
Burst Triple Mode PWM Flyback Controller
March 2011
R7731A RICHTEK-R7731A Datasheet
359Kb / 14P
Burst Triple Mode PWM Flyback Controller
R7731AGE RICHTEK-R7731AGE Datasheet
359Kb / 14P
Burst Triple Mode PWM Flyback Controller
R7731GE RICHTEK-R7731GE Datasheet
542Kb / 11P
Burst Triple Mode PWM Flyback Controller
March 2011
More results


Similar Description - R771

ManufacturerPart #DatasheetDescription
logo
EPCOS
R901 EPCOS-R901 Datasheet
36Kb / 4P
Resonator 315,00 MHz
logo
Murata Manufacturing Co...
RO2044 MURATA-RO2044 Datasheet
145Kb / 2P
318.00 MHz SAW Resonator
RO2100 MURATA-RO2100 Datasheet
161Kb / 2P
295.05 MHz SAW Resonator
RO3073A MURATA-RO3073A Datasheet
392Kb / 2P
315.0 MHz SAW Resonator
RO3073E MURATA-RO3073E Datasheet
100Kb / 2P
315.00 MHz SAW Resonator
RO3073E-1 MURATA-RO3073E-1 Datasheet
396Kb / 2P
315.00 MHz SAW Resonator
RO3073E-11 MURATA-RO3073E-11 Datasheet
394Kb / 2P
315.00 MHz SAW Resonator
RO3075A MURATA-RO3075A Datasheet
392Kb / 2P
345.00 MHz SAW Resonator
RO3102A-1 MURATA-RO3102A-1 Datasheet
392Kb / 2P
423.22 MHz SAW Resonator
RO3112C MURATA-RO3112C Datasheet
98Kb / 2P
433.42 MHz SAW Resonator
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com