Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3570-1339-1 Datasheet (PDF) - Comus International

3570-1339-1 Datasheet PDF - Comus International
Part # 3570-1339-1
Download  3570-1339-1 Download
File Size   357.06 Kbytes
Page   2 Pages
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International
Description Instrumentation Grade SIP - 1 Form A - High Power

3570-1339-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
3570-1339-1 Datasheet PDF - Comus International

Part # 3570-1339-1
Download  3570-1339-1 Click to download

File Size   357.06 Kbytes
Page   2 Pages
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International
Description Instrumentation Grade SIP - 1 Form A - High Power

3570-1339-1 Datasheet (HTML) - Comus International


3570-1339-1 Product details

FEATURES
• High Reliability Instrumentation Grade reed switch
with sputtered Ruthenium contacts.
• SIP 1 Form A, up to 20 Watt dry reed relays.
• Ideal for test and instrumentation applications.
• High Insulation Resistance : 1012 Ω MIN
• Molded thermoset industry standard package.
• Optional internal coil suppression diode.




Similar Part No. - 3570-1339-1

ManufacturerPart #DatasheetDescription
logo
Comus International
3570-1331 COMUS-3570-1331 Datasheet
369Kb / 2P
General Purpose SIP - 1 Form A
More results


Similar Description - 3570-1339-1

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD4C113 SSOUSA-AD4C113 Datasheet
220Kb / 6P
1 Form A/1 Form B Solid State Relay
AD4C213 SSOUSA-AD4C213 Datasheet
175Kb / 5P
1 Form A/1 Form B Solid State Relay
AD4C333 SSOUSA-AD4C333 Datasheet
175Kb / 5P
1 Form A/1 Form B Solid State Relay
logo
Nais(Matsushita Electri...
ALD14H NAIS-ALD14H Datasheet
49Kb / 3P
1 Form A Slim Power Relay
logo
Coto Technology
C226S COTO-C226S Datasheet
388Kb / 2P
Contact Form: C226S: 1 Form A / C326S: 2 Form A
logo
Panasonic Semiconductor
ALQ112 PANASONIC-ALQ112 Datasheet
92Kb / 6P
1 Form A/1 Form C 10A Small power relays
logo
Coto Technology
C226S COTO-C226S Datasheet
382Kb / 2P
Contact Form: C226S: 1 Form A / C326S: 2 Form A
logo
Solid State Optronic
AD4C213 SSOUSA-AD4C213_15 Datasheet
358Kb / 9P
1 Form A / 1 Form B Integrated in 1 Package
logo
List of Unclassifed Man...
HL3-1A-6SH ETC2-HL3-1A-6SH Datasheet
1Mb / 14P
1 Form A Configuration
logo
Panasonic Battery Group
HE-N PANASONICBATTERY-HE-N Datasheet
598Kb / 8P
High capacity 120A 480V AC 1 Form A power relay
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com