Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL71841SEHVF Datasheet (PDF) - Renesas Technology Corp

ISL71841SEHVF Datasheet PDF - Renesas Technology Corp
Part # ISL71841SEHVF
Download  ISL71841SEHVF Download
File Size   1717.76 Kbytes
Page   31 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened 30V 32-Channel Analog Multiplexer

ISL71841SEHVF Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL71841SEHVF Datasheet PDF - Renesas Technology Corp

Part # ISL71841SEHVF
Download  ISL71841SEHVF Click to download

File Size   1717.76 Kbytes
Page   31 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened 30V 32-Channel Analog Multiplexer

ISL71841SEHVF Datasheet (HTML) - Renesas Technology Corp


ISL71841SEHVF Product details

Features
• DLA SMD #5962-15220
• Fabricated using P6SOI process technology
• Provides latch-up immunity
• ESD protection 8kV (HBM)
• Rail-to-rail operation
• Overvoltage protection
• Low rON. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .<500Ω (typical)
• Flexible split rail operation
- Positive supply above GND (V+) . . . . . . . +10.8V to +16.5V
- Negative supply below GND (V-) . . . . . . . . -10.8V to -16.5V
• Adjustable logic threshold control with VREF pin
• Cold sparing capable (from ground). . . . . . . . . . . . . . . . .±25V
• Analog overvoltage range (from ground). . . . . . . . . . . . .±35V
• Off switch leakage . . . . . . . . . . . . . . . . . . . 100nA (maximum)
• Transition times (tR, tF) . . . . . . . . . . . . . . . . . . . 500ns (typical)
• Break-before-make switching
• Grounded metal lid (internally connected)
• Operating temperature range. . . . . . . . . . . .-55°C to +125°C
• Radiation tolerance
- High dose rate (50-300rad(Si)/s). . . . . . . . . . . 100krad(Si)
- Low dose rate (0.01rad(Si)/s) . . . . . . 100krad(Si) (Note 1)
- SEB LETTH . . . . . . . . . . . . . . . . . . . . . . . . . 86.4MeV•cm2/mg




Similar Part No. - ISL71841SEHVF

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL71841SEHVF INTERSIL-ISL71841SEHVF Datasheet
991Kb / 29P
Radiation Hardened 30V 32-Channel Analog Multiplexer
June 3, 2016
logo
Renesas Technology Corp
ISL71841SEHVF RENESAS-ISL71841SEHVF Datasheet
1Mb / 30P
Radiation Hardened 30V 32-Channel Analog Multiplexer
Feb 23, 2018
More results


Similar Description - ISL71841SEHVF

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL73840SEH INTERSIL-ISL73840SEH Datasheet
1Mb / 23P
Radiation Tolerant 30V 16-Channel Analog Multiplexer
ISL73841SEH INTERSIL-ISL73841SEH Datasheet
844Kb / 23P
Radiation Tolerant 30V 32-Channel Analog Multiplexer
ISL71831SEH INTERSIL-ISL71831SEH Datasheet
1Mb / 21P
Radiation Hardened 5V 32-Channel Analog Multiplexer
November 18, 2016
ISL71840SEH INTERSIL-ISL71840SEH Datasheet
1Mb / 27P
Radiation Hardened 30V 16-Channel Analog Multiplexer
June 9, 2016
ISL71841SEH INTERSIL-ISL71841SEH Datasheet
991Kb / 29P
Radiation Hardened 30V 32-Channel Analog Multiplexer
June 3, 2016
logo
Renesas Technology Corp
ISL71831SEH RENESAS-ISL71831SEH Datasheet
2Mb / 22P
Radiation Hardened 5V 32-Channel Analog Multiplexer
Dec 8, 2022
ISL71840SEH RENESAS-ISL71840SEH Datasheet
1Mb / 28P
Radiation Hardened 30V 16-Channel Analog Multiplexer
Oct 24, 2022
ISL71841SEH RENESAS-ISL71841SEH Datasheet
1Mb / 30P
Radiation Hardened 30V 32-Channel Analog Multiplexer
Feb 23, 2018
ISL73840SEH RENESAS-ISL73840SEH Datasheet
1Mb / 24P
Radiation Tolerant 30V 16-Channel Analog Multiplexer
Feb 23, 2018
ISL73841SEH RENESAS-ISL73841SEH Datasheet
1Mb / 24P
Radiation Tolerant 30V 32-Channel Analog Multiplexer
Feb 23, 2018
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com