Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OM13063 Datasheet (PDF) - NXP Semiconductors

OM13063 Datasheet PDF - NXP Semiconductors
Part # OM13063
Download  OM13063 Download
File Size   204.05 Kbytes
Page   1 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Quickstart Board for LPC4088

OM13063 Datasheet (PDF)

Go To PDF Page Download Datasheet
OM13063 Datasheet PDF - NXP Semiconductors

Part # OM13063
Download  OM13063 Click to download

File Size   204.05 Kbytes
Page   1 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Quickstart Board for LPC4088

OM13063 Datasheet (HTML) - NXP Semiconductors


OM13063 Product details

Features 
NXP's Cortex-M4 LPC4088 microcontroller in a BGA package, running at up to 120 MHz  8 MB Quad SPI and 512 kB on-chip program flash  32 MB SDRAM (x32 bit databus for high handwidth access), 96 kB on-chip SRAM and 4 kB on-chip E²PROM data memory  12 MHz main and 32.768 kHz RTC crystals  10/100 Mbps Ethernet (RJ45)  USB Host (A type) and Device (micro-B) interfaces  mbed HDG debug interface  20 pin SWD/Trace connector (ARM standard debug connector)  61 pin 0.3 mm pitch FPC connector for display expansion  20 pin XBee compatible connector for RF module add-on  CMSIS-DAP Interface On-board (debug interface functions)




Similar Part No. - OM13063

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM13069,598 NXP-OM13069,598 Datasheet
720Kb / 76P
32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
Rev. 4.3 - 22 April 2014
More results


Similar Description - OM13063

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FCN-214J FUJITSU-FCN-214J Datasheet
98Kb / 2P
FOR BOARD-TO-BOARD CONNECTION
FCN-215J030 FUJITSU-FCN-215J030 Datasheet
147Kb / 3P
FOR BOARD-TO-BOARD CONNECTION
logo
Microsemi Corporation
A2F-EVAL-KIT MICROSEMI-A2F-EVAL-KIT Datasheet
1Mb / 4P
SmartFusion Evaluation Kit Quickstart Card
logo
SparkFun Electronics
DEV-07914 SPARKFUN-DEV-07914 Datasheet
467Kb / 9P
ProtoShield Quickstart Guide
DEV-09760 SPARKFUN-DEV-09760 Datasheet
290Kb / 9P
Joystick Shield Quickstart Guide
logo
NXP Semiconductors
OM13083 NXP-OM13083 Datasheet
253Kb / 3P
LPC4088 Display Module
Rev. 1.0-10th April 2015
logo
SparkFun Electronics
ADXL345 SPARKFUN-ADXL345 Datasheet
205Kb / 7P
ADXL345 Quickstart Guide
2/12/2015
logo
Silicon Laboratories
SLSTK3401A SILABS-SLSTK3401A Datasheet
522Kb / 7P
EFM32 Pearl Gecko Family QSG118: EFM32PG1 SLSTK3401A QuickStart Guide
Rev. 0.4
logo
Infineon Technologies A...
EVALKITHPDG1SIC INFINEON-EVALKITHPDG1SIC Datasheet
941Kb / 13P
Quickstart Manual for EVAL KIT HPD G1 SiC
Revision 1.0 2022-05-27
logo
Microsemi Corporation
FLASHPRO5 MICROSEMI-FLASHPRO5 Datasheet
166Kb / 2P
FlashPro5 Device Programmer Quickstart Card
July 2014
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com