Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S500 Datasheet (PDF) - Cooper Bussmann, Inc.

S500 Datasheet PDF - Cooper Bussmann, Inc.
Part # S500
Download  S500 Download
File Size   128.98 Kbytes
Page   2 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description 5mm x 20mm Fuses

S500 Datasheet (PDF)

Go To PDF Page Download Datasheet
S500 Datasheet PDF - Cooper Bussmann, Inc.

Part # S500
Download  S500 Click to download

File Size   128.98 Kbytes
Page   2 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description 5mm x 20mm Fuses

S500 Datasheet (HTML) - Cooper Bussmann, Inc.


S500 Product details

• Fast acting, low breaking capacity
• Optional Axial leads available
• 5mm x 20mm physical size
• Glass tube, nickel-plated brass endcap construction
• Designed to IEC 60127-2 (32mA-6.3A)
• RoHS Compliant version available (-R option)




Similar Part No. - S500

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
S500 DIOTEC-S500 Datasheet
139Kb / 2P
Surface Mount Si-Bridge Rectifiers
logo
Semikron International
S500 SEMIKRON-S500 Datasheet
156Kb / 2P
Surface Mount Si-Bridge Rectifiers
logo
Diotec Semiconductor
S500 DIOTEC-S500 Datasheet
126Kb / 2P
"Slim" Profile Surface Mount Si-Bridge-Rectifiers
S500 DIOTEC-S500 Datasheet
114Kb / 2P
Surface Mount Si-Bridge-Rectifiers
logo
Galaxy Semi-Conductor H...
S500 BILIN-S500 Datasheet
136Kb / 2P
GLASS PASSIVATED SILICON BRIDGE RECTIFIERS
More results


Similar Description - S500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S506-32MA ETC2-S506-32MA Datasheet
265Kb / 2P
5mm x 20mm Fuses
logo
Cooper Bussmann, Inc.
HTC-45M COOPER-HTC-45M Datasheet
58Kb / 1P
5mm x 20mm Fuseholders
S500-32-R COOPER-S500-32-R Datasheet
267Kb / 2P
5 x 20mm Fuses
GMD-125MA COOPER-GMD-125MA Datasheet
82Kb / 2P
5mm x 20mm Fuses
S501-2-R COOPER-S501-2-R Datasheet
102Kb / 2P
5mm x 20mm Fuses S501 Series, Fast Acting, Ceramic Tube
HTC-10M COOPER-HTC-10M Datasheet
68Kb / 1P
For 5 x 20mm Fuses
GMD-125-R COOPER-GMD-125-R Datasheet
447Kb / 2P
5 x 20mm Fuses
logo
LUMEX INC.
SSB-LX2450YW LUMEX-SSB-LX2450YW Datasheet
133Kb / 1P
5mm X 20mm 4 CHIP LIGHT BAR
SSB-LX2550GD LUMEX-SSB-LX2550GD Datasheet
130Kb / 1P
5mm X 20mm 4 CHIP LIGHT BAR
SSB-LX2550SGD LUMEX-SSB-LX2550SGD Datasheet
53Kb / 1P
5mm X 20mm 4 CHIP LIGHT BAR
More results




About Cooper Bussmann, Inc.


Cooper Bussmann, Inc. is a company that specializes in providing electrical safety and circuit protection solutions. The company was founded in 1914 and is headquartered in St. Louis, Missouri, USA.

Cooper Bussmann offers a wide range of products, including fuses, fuse blocks, power distribution blocks, disconnect switches, and surge protective devices. These products are used in various applications, such as power generation, transmission, and distribution, as well as in industrial, commercial, and residential settings.

In 2008, Cooper Bussmann was acquired by Eaton Corporation, a multinational power management company. Today, the company operates as a business unit of Eaton's Electrical Sector.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com