Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA6-45BKEP Datasheet (PDF) - TUK Ltd

KA6-45BKEP Datasheet PDF - TUK Ltd
Part # KA6-45BKEP
Download  KA6-45BKEP Download
File Size   4905.22 Kbytes
Page   10 Pages
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd
Description 25 x 38 Keystone Angled Faceplate Adaptor

KA6-45BKEP Datasheet (PDF)

Go To PDF Page Download Datasheet
KA6-45BKEP Datasheet PDF - TUK Ltd

Part # KA6-45BKEP
Download  KA6-45BKEP Click to download

File Size   4905.22 Kbytes
Page   10 Pages
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd
Description 25 x 38 Keystone Angled Faceplate Adaptor

KA6-45BKEP Datasheet (HTML) - TUK Ltd


KA6-45BKEP Product details

Features
 Angled modules minimize issues with bend radius and are suitable for use with shallow backboxes or
larger keystones
 Available in bright white (for faceplates and trunking) and black (for floor boxes etc)
 Supplied with an optional hinged shutter, which minimizes the effect of dust
 Accommodate keystones which protrude beyond the faceplate, such as fibre, ‘F’ type and speaker
connectors
 Window and paper labelling facility
 Accommodate most keystone jacks
 Not ideal for HDMI connectors




Similar Part No. - KA6-45BKEP

ManufacturerPart #DatasheetDescription
logo
France Joint
KA6 FRANCEJOINT-KA6 Datasheet
283Kb / 4P
SHAFT SEALS WITH A TYPE 6 STOP
logo
D+H Mechatronic AG
KA66-TW DH-KA66-TW Datasheet
420Kb / 3P
Chain drives
KA66-TW-K DH-KA66-TW-K Datasheet
327Kb / 3P
Chain drives
logo
ML Accessories Limited....
KA6CW KNIGHTSBRIDGE-KA6CW Datasheet
191Kb / 2P
KARA 230V IP20 6W LED Recessed Panel - 4000K
23/04/2024
KA6CWTD KNIGHTSBRIDGE-KA6CWTD Datasheet
192Kb / 2P
KARA 230V IP20 6W LED Dimmable Recessed Panel - 4000K
23/04/2024
More results


Similar Description - KA6-45BKEP

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSF-EX2573GD LUMEX-SSF-EX2573GD Datasheet
53Kb / 1P
2mm X 5mm Angled LEd
SSF-EX2573GD-TR LUMEX-SSF-EX2573GD-TR Datasheet
83Kb / 1P
2mm X 5mm Angled LED
SSF-EX2573ID LUMEX-SSF-EX2573ID Datasheet
53Kb / 1P
2mm X 5mm Angled LED
SSF-EX2573ID-TR LUMEX-SSF-EX2573ID-TR Datasheet
83Kb / 1P
2mm X 5mm Angled LED
SSF-EX2573SRD LUMEX-SSF-EX2573SRD Datasheet
54Kb / 1P
2mm X 5mm Angled LED
SSF-EX2573SUGD LUMEX-SSF-EX2573SUGD Datasheet
52Kb / 1P
2mm X 5mm Angled LED
SSF-EX2573YD-TR LUMEX-SSF-EX2573YD-TR Datasheet
83Kb / 1P
2mm X 5mm Angled LED
logo
Tripp Lite. All Rights ...
U060-000-KPA-BK TRIPPLITE-U060-000-KPA-BK Datasheet
167Kb / 2P
USB 2.0 All-in-One Keystone/Panel Mount Angled Coupler (F/F), Black
P164-000-KPA-BK TRIPPLITE-P164-000-KPA-BK Datasheet
172Kb / 2P
HDMI All-in-One Keystone/Panel Mount Angled Coupler (F/F), Black
logo
Transko Electronics, In...
OX-C TRANSKO-OX-C Datasheet
420Kb / 2P
OCXO 38 X 38 X 19mm
Rev. 2: Mar. 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com