Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA78M05TU.. Datasheet (PDF) - Fairchild Semiconductor

KA78M05TU.. Datasheet PDF - Fairchild Semiconductor
Part # KA78M05TU..
Download  KA78M05TU.. Download
File Size   374.51 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 3-Terminal 0.5 A Positive Voltage Regulator

KA78M05TU.. Datasheet (PDF)

Go To PDF Page Download Datasheet
KA78M05TU.. Datasheet PDF - Fairchild Semiconductor

Part # KA78M05TU..
Download  KA78M05TU.. Click to download

File Size   374.51 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 3-Terminal 0.5 A Positive Voltage Regulator

KA78M05TU.. Datasheet (HTML) - Fairchild Semiconductor


KA78M05TU.. Product details

Features
• Output Current up to 0.5 A
• Output Voltages of 5 V
• Thermal Overload Protection
• Short-Circuit Protection
• Output Transistor Safe Operating Area (SOA) Protection

Description
The KA78M05 / LM78M05 / MC78M05 series of threeterminal positive regulators is available in the TO-220 / DPAK packages, making it useful in a wide range of applications




Similar Part No. - KA78M05TU..

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA78M05TU FAIRCHILD-KA78M05TU Datasheet
297Kb / 9P
3-Terminal 0.5 A Positive Voltage Regulator
logo
ON Semiconductor
KA78M05TU ONSEMI-KA78M05TU Datasheet
374Kb / 10P
3-Terminal 0.5 A Positive Voltage Regulator
January 2015 Rev. 2.5
More results


Similar Description - KA78M05TU..

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
ST7809 SEMTECH_ELEC-ST7809 Datasheet
254Kb / 3P
3-terminal 1 A positive voltage regulator
ST7808R SEMTECH_ELEC-ST7808R Datasheet
252Kb / 3P
3-terminal 1 A positive voltage regulator
ST7815 SEMTECH_ELEC-ST7815 Datasheet
254Kb / 3P
3-terminal 1 A positive voltage regulator
logo
Fairchild Semiconductor
MC78M05CDTX FAIRCHILD-MC78M05CDTX Datasheet
297Kb / 9P
3-Terminal 0.5 A Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
7808 SEMTECH_ELEC-7808 Datasheet
237Kb / 3P
3-terminal 1 A positive voltage regulator
7808R SEMTECH_ELEC-7808R Datasheet
210Kb / 3P
3-Terminal 1 A Positive Voltage Regulator
7809R SEMTECH_ELEC-7809R Datasheet
197Kb / 2P
3-terminal 1 A positive voltage regulator
7812R SEMTECH_ELEC-7812R Datasheet
220Kb / 3P
3-terminal 1 A positive voltage regulator
7815 SEMTECH_ELEC-7815 Datasheet
217Kb / 3P
3-terminal 1 A positive voltage regulator
logo
Thinki Semiconductor Co...
LM78XX THINKISEMI-LM78XX Datasheet
552Kb / 7P
3-Terminal 1 A Positive Voltage Regulator
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com