Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC14446A Datasheet (PDF) - Renesas Technology Corp

SC14446A Datasheet PDF - Renesas Technology Corp
Part # SC14446A
Download  SC14446A Download
File Size   516.72 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1.8 V Single Chip for ZBS DECT with RFPA, QSPI, EBI, GPU

SC14446A Datasheet (PDF)

Go To PDF Page Download Datasheet
SC14446A Datasheet PDF - Renesas Technology Corp

Part # SC14446A
Download  SC14446A Click to download

File Size   516.72 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1.8 V Single Chip for ZBS DECT with RFPA, QSPI, EBI, GPU

SC14446A Datasheet (HTML) - Renesas Technology Corp


SC14446A Product details

Key Features
▪ Complies with DECT ETS 300 175-2,3 & 8 and
DECT 6.0 and Korean DECT (1.7 GHz)
▪ DCXO for 10.368 MHz/20.736 MHz, 12 MHz
(USB only) XTAL with low power mode
▪ Processing power
• 82.944 MHz 16 bit CompactRISCTM
CR16Cplus with up to 16 kB instruction and
data cache
• Four-channel DMA controller
• Dual *) 82.944 MHz Programmable Gen2DSP
with Micro Code ROM and Micro Code RAM
• 82.944 MHz enhanced Graphics Processing
Unit
• DiP Processor supporting CAQ-iq with fast FP
search instructions
• MMU for Extended address range up to
128 MB
▪ Development/Debug support
• Serial Debug interface, Nexus Class-1 compliant
• Performance Timer for Gen2DSP and CR16C
• Instruction/Data/Event Trace unit
• Gen2DSP debugger with 2 ch MCROM patching
▪ Memories
• 16/2/2 kB Cache/Admin/Trace RAM
• 24/32 kB, 24/32 kB Shared RAM1/2, ROM1/2
• 2/16 kB, 96/96 kB MCRAM1/2, oMCROM1/2




Similar Part No. - SC14446A

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SC14441A DIALOG-SC14441A Datasheet
446Kb / 1P
1.8V Single Chips for DECT with RFPA and QSPI
logo
Renesas Technology Corp
SC14441A RENESAS-SC14441A Datasheet
745Kb / 11P
1.8 Single Chips for DECT with RFPA and QSPI
June 26, 2024
SC14441B52RLT RENESAS-SC14441B52RLT Datasheet
745Kb / 11P
1.8 Single Chips for DECT with RFPA and QSPI
June 26, 2024
SC14441C52R101QNCT RENESAS-SC14441C52R101QNCT Datasheet
745Kb / 11P
1.8 Single Chips for DECT with RFPA and QSPI
June 26, 2024
SC14443A RENESAS-SC14443A Datasheet
489Kb / 8P
1.8 V Single Chip for DECT with RFPA, QSPI, EBI, GPU
June 26, 2024
More results


Similar Description - SC14446A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T2801 ATMEL-T2801 Datasheet
241Kb / 27P
DECT Single-Chip Transceiver
logo
Ericsson
PBL40309 ERICSSON-PBL40309 Datasheet
84Kb / 6P
3.6 V Differential Power Amplifier for DECT Telecommunications system
logo
National Semiconductor ...
LMX4168 NSC-LMX4168 Datasheet
41Kb / 4P
Radio Transceiver for DECT
LMX4268 NSC-LMX4268 Datasheet
39Kb / 4P
Radio Transceiver for DECT
logo
Motorola, Inc
AN1062 MOTOROLA-AN1062 Datasheet
609Kb / 11P
Using the QSPI for Analog Data Acquisition
logo
ATMEL Corporation
T2801 ATMEL-T2801_06 Datasheet
499Kb / 31P
DECT Single-Chip Transceiver
logo
Texas Instruments
CDCL1810A TI1-CDCL1810A Datasheet
1Mb / 30P
Single 1.8 V Supply
logo
Dialog Semiconductor
SC14441A DIALOG-SC14441A Datasheet
446Kb / 1P
1.8V Single Chips for DECT with RFPA and QSPI
logo
Texas Instruments
TUSB551 TI1-TUSB551 Datasheet
1Mb / 23P
1.8-V USB 3.0 Single Channel Re-Driver with Equalization
logo
MagnaChip Semiconductor...
MAP7154 MGCHIP-MAP7154 Datasheet
1Mb / 14P
6MHz, 800mA Buck Converter for RFPA
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com