Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1724095 Datasheet (PDF) - Carnhill Group

1724095 Datasheet PDF - Carnhill Group
Part # 1724095
Download  1724095 Download
File Size   225.33 Kbytes
Page   2 Pages
Manufacturer  OEP [Carnhill Group]
Direct Link  https://carnhill.co.uk/
Logo OEP - Carnhill Group
Description Specification for A262A1E

1724095 Datasheet (PDF)

Go To PDF Page Download Datasheet
1724095 Datasheet PDF - Carnhill Group

Part # 1724095
Download  1724095 Click to download

File Size   225.33 Kbytes
Page   2 Pages
Manufacturer  OEP [Carnhill Group]
Direct Link  https://carnhill.co.uk/
Logo OEP - Carnhill Group
Description Specification for A262A1E

1724095 Datasheet (HTML) - Carnhill Group


1724095 Product details

Electrical characteristics:
Winding ratio:6.3+6.3:1+1
DC resistance (ohms +/-15%):
Primaries:10.3 + 10.3 Secondaries: 0.37 + 0.37
Impedance: primaries: 150 ohms + 150 ohms
secondaries: 3.75 ohms + 3.75 ohms
Inductance, measured at 1kHz, 0.27V
(series equivalent circuit):
Primary: 100mH + 100mH (nominal)
Secondary: 2.5mH + 2.5mH (nominal)
Proof voltage: primaries to screen: 1kVrms
screen to secondaries: 1kV rms
Frequency range: 30Hz - 35kHz +/-1.5dB.
Power: 100mW @ 300Hz and 1mW @ 30Hz
Distortion: less than 1% T.H.D. 600 ohms 30Hz - 35kHz
measured at OdBm
Operating temperature range: 0 to +70°C
Storage temperature range: -25°C to + 120°C
N.B. Do not pass DC through the windings

Materials: all materials are UL94V-0 rated
Bobbin and box material: FR530
UL file number: E69578(M)
or 'Polyplastics Co. Ltd
Material name: 1140 A(C)
UL file no. E109088(M)
2-part epoxy resin type 3300A and 3300B
UL file number 218090
or Epoxylite EIP4728: UL file no. E143115
Core: class B (49% Ni) EE laminations
Winding wire: ECW. ÚL file no. E174837
Tape:3M No. 56 polyester or equivalent




Similar Part No. - 1724095

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1724013 PHOENIX-1724013 Datasheet
172Kb / 6P
MK3DS 1,5/ 2-5,08
1724026 PHOENIX-1724026 Datasheet
147Kb / 5P
MK3DS 1,5/ 3-5,08
logo
Molex Electronics Ltd.
1724051108 MOLEX1-1724051108 Datasheet
27Kb / 2P
Impel Plus 92 Ohm, 3-Pair Right-Angle Male, 1.90mm Pitch, Unguided, 10 Columns, 60 Circuits
logo
NMB Technologies Corpor...
17240JA NMB-17240JA Datasheet
396Kb / 1P
DC Axial Fan
17240JA-12L-YA-00 NMB-17240JA-12L-YA-00 Datasheet
396Kb / 1P
DC Axial Fan
More results


Similar Description - 1724095

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A2175-HBL ETC2-A2175-HBL Datasheet
80Kb / 8P
SPECIFICATION FOR APPROVAL
logo
LUXPIA
LRH1035 LUXPIA-LRH1035 Datasheet
262Kb / 15P
Specification for Approval
logo
List of Unclassifed Man...
LA001-002A99DY ETC2-LA001-002A99DY Datasheet
340Kb / 9P
SPECIFICATION FOR APPROVAL
logo
Delta Electronics, Inc.
SIG4012-1R0 DELTA-SIG4012-1R0 Datasheet
173Kb / 4P
SPECIFICATION FOR APPROVAL
SIG3012-R50 DELTA-SIG3012-R50 Datasheet
142Kb / 4P
SPECIFICATION FOR APPROVAL
logo
List of Unclassifed Man...
KPEG212A ETC2-KPEG212A Datasheet
145Kb / 5P
SPECIFICATION FOR APPROVAL
KPEG006 ETC2-KPEG006 Datasheet
108Kb / 6P
SPECIFICATION FOR APPROVAL
logo
XFMRS Inc.
XFEB160808-600-0.5A XFMRS-XFEB160808-600-0.5A Datasheet
75Kb / 2P
SPECIFICATION FOR APPROVAL
XFEB160808-680-1A XFMRS-XFEB160808-680-1A Datasheet
31Kb / 1P
SPECIFICATION FOR APPROVAL
XFEB201209-121-0.8A XFMRS-XFEB201209-121-0.8A Datasheet
116Kb / 1P
SPECIFICATION FOR APPROVAL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com