Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G003 Datasheet (PDF) - Laser Components

G003 Datasheet PDF - Laser Components
Part # G003
Download  G003 Download
File Size   426.73 Kbytes
Page   10 Pages
Manufacturer  LASER-COMPONENTS [Laser Components]
Direct Link  https://www.lasercomponents.com/uk/
Logo LASER-COMPONENTS - Laser Components
Description 2.4 V CW LASER DIODE DRIVER

G003 Datasheet (PDF)

Go To PDF Page Download Datasheet
G003 Datasheet PDF - Laser Components

Part # G003
Download  G003 Click to download

File Size   426.73 Kbytes
Page   10 Pages
Manufacturer  LASER-COMPONENTS [Laser Components]
Direct Link  https://www.lasercomponents.com/uk/
Logo LASER-COMPONENTS - Laser Components
Description 2.4 V CW LASER DIODE DRIVER

G003 Datasheet (HTML) - Laser Components


G003 Product details

FEATURES
 iC-WK MSOP8 AEC-Q100 qualified (Grade 3)
 CW operation up to 90 mA from 2.4 to 6 V supply voltage
 Rapid soft start after power-on typical within 70 µs
 Simple power adjustment via the external resistor
 Control loop accuracy better than 1% with changes in
temperature, supply voltage and load current
 Integrated reverse polarity protection for the iC and laser diode
 Strong suppression of transients with very small external
capacitors; integrated flyback path
 Permanent shutdown with excessive temperature and
overcurrent (i.e. if the laser diode is damaged or the feedback
current path fails)
 Two feedback inputs permit all current LD types to be used
(N/P/M configurations)
 Modulation via the feedback inputs is possible
 Wide monitor current range from 10 µA to 2.5 mA
 iC-WK with additional spike detection at monitor input MDA

APPLICATIONS
 Battery-powered LD modules
 LD Pointers
 Laser levels
 Bar-code readers

DESCRIPTION
The iC-WK/L device is a driver for laser diodes in
continuous wave operation which requires only four
external components. The wide power supply range
of 2.4 to 6 V and the integrated reverse battery protection allow for battery operation with a minimum of two
cells. A reversed battery connection destroys neither
the iC nor the laser diode.
The iC includes integrated circuitry protecting against
destruction by ESD, excessive temperature and overcurrent and a soft start which regulates the power and
protects the laser diode when the power supply is
switched on. The iC also filters the laser diode power
supply for transients.
The power supply is regulated and adapted to the
laser diode used by an external resistor at MDA. The
monitor current acts as a reference and is regulated
independent of the influence of temperature and supply voltage (range: 10 µA to 2.5 mA). The capacitor at
CI determines the control time constants and start-up
time.
A second monitor input, pin MDK, allows the driver to
be used for other types of laser diode configuration; alternatively, it can be used as an analogue modulation
input (DC to a few kHz).
In the event of failure, such as overcurrent in the
laser path with a lack of feedback, for example, a
quick power lockout is activated. The shutdown continues until power is reapplied, permitting a restart.
The strain on power packs and batteries is relieved
and the laser class is retained even in the event of a
disturbance.
iC-WK offers additional protection by means of spike
detection at pin MDA. Should spikes or oscillation
occur at pin MDA the power lockout is activated.




Similar Part No. - G003

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
G00310K00AB12001 VISHAY-G00310K00AB12001 Datasheet
197Kb / 3P
Wirewound Resistors, Miniature, Industrial, Precision Power, Silicone Coated, Axial Lead
15-Nov-17
G00310K00AB12999 VISHAY-G00310K00AB12999 Datasheet
197Kb / 3P
Wirewound Resistors, Miniature, Industrial, Precision Power, Silicone Coated, Axial Lead
15-Nov-17
G00310K00AE12001 VISHAY-G00310K00AE12001 Datasheet
197Kb / 3P
Wirewound Resistors, Miniature, Industrial, Precision Power, Silicone Coated, Axial Lead
15-Nov-17
G00310K00AE12999 VISHAY-G00310K00AE12999 Datasheet
197Kb / 3P
Wirewound Resistors, Miniature, Industrial, Precision Power, Silicone Coated, Axial Lead
15-Nov-17
G00310K00AE70001 VISHAY-G00310K00AE70001 Datasheet
197Kb / 3P
Wirewound Resistors, Miniature, Industrial, Precision Power, Silicone Coated, Axial Lead
15-Nov-17
More results


Similar Description - G003

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-WK ICHAUS-IC-WK Datasheet
236Kb / 8P
2.4 V CW LASER DIODE DRIVER
IC-WKN ICHAUS-IC-WKN Datasheet
274Kb / 9P
15 V CW LASER DIODE DRIVER
WKLMSOP8 ICHAUS-WKLMSOP8 Datasheet
236Kb / 8P
2.4 V CW LASER DIODE DRIVER
WKLSO8 ICHAUS-WKLSO8 Datasheet
236Kb / 8P
2.4 V CW LASER DIODE DRIVER
WKMSOP8 ICHAUS-WKMSOP8 Datasheet
236Kb / 8P
2.4 V CW LASER DIODE DRIVER
WKNDFN10 ICHAUS-WKNDFN10 Datasheet
274Kb / 9P
15 V CW LASER DIODE DRIVER
WKSO8 ICHAUS-WKSO8 Datasheet
236Kb / 8P
2.4 V CW LASER DIODE DRIVER
IC-HT ICHAUS-IC-HT_15 Datasheet
949Kb / 45P
DUAL CW LASER DIODE DRIVER
IC-WKN ICHAUS-IC-WKN_14 Datasheet
543Kb / 12P
15 V CW LASER DIODE DRIVER
logo
Directed Energy, Inc.
PCO-6511 DEI-PCO-6511 Datasheet
588Kb / 2P
CW Laser Diode Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com