Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1007028 Datasheet (PDF) - PHOENIX CONTACT

1007028 Datasheet PDF - PHOENIX CONTACT
Part # 1007028
Download  1007028 Download
File Size   183.12 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SBS 6:FORTL.ZAHLEN - Marking card for terminal marking

1007028 Datasheet (PDF)

Go To PDF Page Download Datasheet
1007028 Datasheet PDF - PHOENIX CONTACT

Part # 1007028
Download  1007028 Click to download

File Size   183.12 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SBS 6:FORTL.ZAHLEN - Marking card for terminal marking

1007028 Datasheet (HTML) - PHOENIX CONTACT


1007028 Product details

Marking card for terminal marking, Card, white, labeled, printed horizontally: Front 1-10, back 11-
20 or front 21-30, back 31-40, etc., mounting type: latching, snap into flat marker groove, for
terminal block width: 6 mm, Number of individual labels: 250, text field height: 6 mm, text field
width: 6.1 mm




Similar Part No. - 1007028

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100702000001 ERNI-100702000001 Datasheet
35Kb / 1P
F 2,54 SRC-A, 2-polig
100702070001 ERNI-100702070001 Datasheet
36Kb / 1P
F 2,54 SRC-A, 3-polig
100702170001 ERNI-100702170001 Datasheet
105Kb / 1P
LPV FEDERLEISTE M ZUGENTLAST
100702620001 ERNI-100702620001 Datasheet
89Kb / 1P
Federleiste M12 D Cod.
100702670003 ERNI-100702670003 Datasheet
73Kb / 1P
F 2,54 DRC-B, 10-polig
More results


Similar Description - 1007028

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJA106M006RNJ AVX-TAJA106M006RNJ Datasheet
63Kb / 1P
Marking
logo
PHOENIX CONTACT
1007015-0001 PHOENIX-1007015-0001 Datasheet
44Kb / 2P
Marker for terminal blocks - SBS 5:FORTL.ZAHLEN 1-20
1007015-0021 PHOENIX-1007015-0021 Datasheet
44Kb / 2P
Marker for terminal blocks - SBS 5:FORTL.ZAHLEN 21-40
1007015-0041 PHOENIX-1007015-0041 Datasheet
44Kb / 2P
Marker for terminal blocks - SBS 5:FORTL.ZAHLEN 41-60
1007015-0061 PHOENIX-1007015-0061 Datasheet
44Kb / 2P
Marker for terminal blocks - SBS 5:FORTL.ZAHLEN 61-80
1007015-0081 PHOENIX-1007015-0081 Datasheet
44Kb / 2P
Marker for terminal blocks - SBS 5:FORTL.ZAHLEN 81-100
1007031-0041 PHOENIX-1007031-0041 Datasheet
49Kb / 2P
Marker for terminal blocks - SBS 8:FORTL.ZAHLEN 41-60
1007031-0061 PHOENIX-1007031-0061 Datasheet
49Kb / 2P
Marker for terminal blocks - SBS 8:FORTL.ZAHLEN 61-80
1007031-0081 PHOENIX-1007031-0081 Datasheet
49Kb / 2P
Marker for terminal blocks - SBS 8:FORTL.ZAHLEN 81-100
1007714 PHOENIX-1007714 Datasheet
47Kb / 2P
Marking card for terminal marking - SBS 5:1-259/242-500
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com