Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

01-2263 Datasheet (PDF) - Elma Electronic Ltd

01-2263 Datasheet PDF - Elma Electronic Ltd
Part # 01-2263
Download  01-2263 Download
File Size   634.14 Kbytes
Page   5 Pages
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd
Description Selector Switch Type 01

01-2263 Datasheet (PDF)

Go To PDF Page Download Datasheet
01-2263 Datasheet PDF - Elma Electronic Ltd

Part # 01-2263
Download  01-2263 Click to download

File Size   634.14 Kbytes
Page   5 Pages
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd
Description Selector Switch Type 01

01-2263 Datasheet (HTML) - Elma Electronic Ltd


01-2263 Product details

Compact 12 positions selector switch
25,000 switching cycles with up to 6.0 Ncm switching torque
Gold plated contacts: 3 micron
Robust metal housing with metal shaft
Optional IP68 front panel sealing
Operating temperature range: -40 to +85°C
Various options and customization

Typical Applications
Industrial controls
Avionics, instrumentation, fest systems
Medical and audio equipment




Similar Part No. - 01-2263

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
01-23619-6 MACOM-01-23619-6 Datasheet
187Kb / 7P
Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
logo
EAO AG.
01-261.022 EAO-01-261.022 Datasheet
296Kb / 21P
Switches and Indicators
01.2000
01-261.025 EAO-01-261.025 Datasheet
296Kb / 21P
Switches and Indicators
01.2000
01-261.0252 EAO-01-261.0252 Datasheet
167Kb / 2P
Tightening torque Fixing nut max. 0.25 Nm
04/2023
01-262.025 EAO-01-262.025 Datasheet
296Kb / 21P
Switches and Indicators
01.2000
More results


Similar Description - 01-2263

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4700DY VISHAY-SI4700DY Datasheet
76Kb / 8P
Power Selector Switch
24-Jan-00
logo
Advanced Analogic Techn...
AAT4674 ANALOGICTECH-AAT4674 Datasheet
242Kb / 13P
Power Supply Selector Switch
logo
Altech corporation
2AS2-X ALTECH-2AS2-X Datasheet
160Kb / 1P
22mm Non-Illuminated Selector Switch 2AS2-x (x=type)
logo
Skyworks Solutions Inc.
AAT4672 SKYWORKS-AAT4672_12 Datasheet
552Kb / 12P
Power Supply Selector Switch
logo
Festo Corporation.
HW-6-38 FESTO-HW-6-38 Datasheet
79Kb / 1P
Selector switch
logo
Schneider Electric
9001KS11BH1 SCHNEIDER-9001KS11BH1 Datasheet
63Kb / 1P
SELECTOR SWITCH 600VAC 10A 30MM TYPE K
Aug 15, 2019
9001KS11BH2 SCHNEIDER-9001KS11BH2 Datasheet
74Kb / 1P
SELECTOR SWITCH 600VAC 10A 30MM TYPE K
Aug 15, 2019
9001KS11BH27 SCHNEIDER-9001KS11BH27 Datasheet
78Kb / 1P
SELECTOR SWITCH
Aug 15, 2019
9001KS11BH5 SCHNEIDER-9001KS11BH5 Datasheet
115Kb / 1P
SELECTOR SWITCH 600VAC 10A 30MM TYPE K
Aug 15, 2019
9001KS11K1H5 SCHNEIDER-9001KS11K1H5 Datasheet
135Kb / 2P
SELECTOR SWITCH 600VAC 10A 30MM TYPE K
Jan 4, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com