Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4910 Datasheet (PDF) - Qorvo, Inc

ACT4910 Datasheet PDF - Qorvo, Inc
Part # ACT4910
Download  ACT4910 Download
File Size   1712.03 Kbytes
Page   37 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description Power Loss Protection with 6A eFuse

ACT4910 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACT4910 Datasheet PDF - Qorvo, Inc

Part # ACT4910
Download  ACT4910 Click to download

File Size   1712.03 Kbytes
Page   37 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description Power Loss Protection with 6A eFuse

ACT4910 Datasheet (HTML) - Qorvo, Inc


ACT4910 Product details

BENEFITS AND FEATURES
• Wide 2.7-to-18V Operating Input Range
• 24V Max Input Blocking Voltage
• Adjustable Bus Voltage Start-Up Slew Rate for In-rush Current Control
• Configurable Input power Failure Level
• Programmable up to 10A Input Current Limit
• Programmable 5V to 36V Boost Storage Voltage
• 36V@6A Syn Buck Supports 100% Duty Cycle
• Programmable up to 1.13MHz Buck Operating Frequency for Small Inductor Size
• Undetectable Transition from Input Supply to Capacitor Bank Power
• Compatible with Different Types of Storage Caps: Super Caps, Electrolytic, Tantalum, POSCAP etc.
• ADC Monitoring of Critical Signals
• Autonomous Health Monitoring for Detection of Earlier Storage Capacitor Failures
• Configurable Interrupts to Inform Host for any Faults/Status Change
• eFuse, Boost, and Buck UV/OV/OC Protection
• Thermal Alert and Protection
• Thermal Enhanced FCQFN 5x5-28 package

APPLICATIONS
• Solid State Drives
• Industrial Applications
• Backup Power
• Hot Plug Devices

GENERAL DESCRIPTION
The ACT4910 device is a highly integrated power loss protection IC. It provides backup storage power in the event of an input power failure. A built-in boost converter provides high voltage energy storage to minimize storage capacitor size requirements. The built-in buck converter regulates the storage voltage to a fixed output voltage. It contains internal, back-to-back eFuse FETs to provide bi-directional input to output isolation. The IC also provides hot swap and inrush current control.
The ACT4910 is very flexible and can easily be configured with I2C and external components. It features programmable storage capacitor voltage to optimize the storage capacitor sizing and system run time. The internal ADC and health monitoring provide an extra layer of protection and improve system reliability and early capacitor failure notification. It automatically checks the storage capacitor health and notifies the user when the energy in the storage caps is not sufficient for backup power. The ADC also measures the input voltage, output voltage, storage voltage, eFuse current, and die temperature. The built-in synchronous buck converter maximizes energy transfer from the storage caps to the system.
ACT4910 provides an I2C bus interface to allow MCU control and monitoring. There are supervisor monitors for the input voltage, output voltage, and storage voltage. It is available with the thermal enhanced QFN 5x5 28 pins package.




Similar Part No. - ACT4910

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4910QW ACTIVE-SEMI-ACT4910QW Datasheet
3Mb / 34P
Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4910QW121-T ACTIVE-SEMI-ACT4910QW121-T Datasheet
3Mb / 34P
Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4910QW122-T ACTIVE-SEMI-ACT4910QW122-T Datasheet
3Mb / 34P
Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
More results


Similar Description - ACT4910

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS259250 TI1-TPS259250 Datasheet
1Mb / 35P
Simple 5V/12V eFuse Protection Switches
TPS25940-Q1 TI1-TPS25940-Q1 Datasheet
3Mb / 46P
18-V eFuse with Integrated Short-to-Battery Protection
TPS25942A TI1-TPS25942A Datasheet
3Mb / 54P
5A eFuse Power MUX with Multiple Protection Modes
logo
Active-Semi, Inc
ACT4910QW ACTIVE-SEMI-ACT4910QW Datasheet
3Mb / 34P
Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4911QW ACTIVE-SEMI-ACT4911QW Datasheet
3Mb / 33P
Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4921QI ACTIVE-SEMI-ACT4921QI Datasheet
3Mb / 35P
Power Loss Protection with 6A eFuse
Rev 1.0, 18-Jan-2018
logo
Texas Instruments
TPS2663 TI1-TPS2663_19 Datasheet
4Mb / 52P
60-V, 6-A Power limiting, surge protection industrial eFuse
logo
Littelfuse
LS2406ERQ23 LITTELFUSE-LS2406ERQ23 Datasheet
1Mb / 14P
28V, 6A eFuse with True Reverse Blocking and Fast Role Swap
GD. 09/26/22
LS24062RQ23 LITTELFUSE-LS24062RQ23 Datasheet
1Mb / 16P
28V 6A Bidirectional eFuse with Dual Port Independent Current Limit Setting
2022 Littelfuse, Inc.
logo
Analog Devices
MAX17527A AD-MAX17527A Datasheet
1Mb / 32P
5.5V to 60V, 6A Power Limiter with OV, UV, Reverse Polarity, Loss of Ground Protection
Rev 0; 11/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com