Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWS-0104 Datasheet (PDF) - Qorvo, Inc

AWS-0104 Datasheet PDF - Qorvo, Inc
Part # AWS-0104
Download  AWS-0104 Download
File Size   178.03 Kbytes
Page   2 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description X-Band Silicon RADAR Quad Core IC

AWS-0104 Datasheet (PDF)

Go To PDF Page Download Datasheet
AWS-0104 Datasheet PDF - Qorvo, Inc

Part # AWS-0104
Download  AWS-0104 Click to download

File Size   178.03 Kbytes
Page   2 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description X-Band Silicon RADAR Quad Core IC

AWS-0104 Datasheet (HTML) - Qorvo, Inc


AWS-0104 Product details

Product Features
• 8.50 – 10.55 GHz operation
• Supports 4 radiating elements
• Single beam Rx
• Single beam Tx
• +13 dBm Tx OP1dB
• +20 dB Tx gain
• +20 dB Rx coherent gain
• 4.0 dB Rx coherent NF
• -16 dBm Rx coherent IIP3
• 6 bit phase control (LSB=5.625°)
• 6 bit gain control (LSB=0.5dB)
• Fast beam steering
• 7x7 mm QFN
• +1.8 V operation
• 1.9 W DC Tx mode
• 1.5 W DC Rx mode

General Description
The AWS-0104 is a highly integrated silicon quad core IC intended for RADAR and 5G phased array applications. The device
supports four radiating elements, single beam transmit, single beam receive and includes all requisite beam steering controls for 6
bit phase and gain control. The device provides 20 dB gain during transmit mode, 20 dB gain in receive mode, +13 dBm output
power during transmit, and 4.0 dB NF during receive. Additional features include gain compensation over temperature, temperature
reporting, and fast beam switching using eight on-chip beam weight storage registers. The device features ESD protection on all
pins, operates from +1.8 V, and is packaged in a 56 lead 7x7 mm QFN for easy installation in planar phased array antennas




Similar Part No. - AWS-0104

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
AWS-0101 QORVO-AWS-0101 Datasheet
542Kb / 3P
X-Band Silicon RADAR Quad Core IC
Rev. 3
AWS-0101-DK QORVO-AWS-0101-DK Datasheet
542Kb / 3P
X-Band Silicon RADAR Quad Core IC
Rev. 3
AWS-0101-DL QORVO-AWS-0101-DL Datasheet
542Kb / 3P
X-Band Silicon RADAR Quad Core IC
Rev. 3
AWS-0103 QORVO-AWS-0103 Datasheet
617Kb / 3P
X-Band Silicon RADAR Quad Core IC
Rev. 3
AWS-0103-DK QORVO-AWS-0103-DK Datasheet
617Kb / 3P
X-Band Silicon RADAR Quad Core IC
Rev. 3
More results


Similar Description - AWS-0104

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLL1214-250 PHILIPS-BLL1214-250 Datasheet
79Kb / 10P
L-band radar LDMOS transistor
2003 Aug 29
BLS6G3135-120 NXP-BLS6G3135-120 Datasheet
68Kb / 11P
LDMOS S-Band radar power transistor
Rev. 01-14 August 2007
BLS6G2933S-130 NXP-BLS6G2933S-130 Datasheet
78Kb / 11P
LDMOS S-band radar power transistor
Rev. 01-11 December 2008
logo
United Monolithic Semic...
CHC3014 UMS-CHC3014 Datasheet
1Mb / 16P
X-band RX-TX Core Chip GaAs Monolithic Microwave IC
logo
NXP Semiconductors
BLL1214-250R NXP-BLL1214-250R Datasheet
142Kb / 12P
LDMOS L-band radar power transistor
Rev. 01-4 February 2010
BLS6G3135-20 PHILIPS-BLS6G3135-20_15 Datasheet
255Kb / 13P
LDMOS S-Band radar power transistor
Rev. 4-11 March 2013
BLS7G2729L-350P PHILIPS-BLS7G2729L-350P_15 Datasheet
172Kb / 13P
LDMOS S-band radar power transistor
Rev. 5-16 May 2014
logo
United Monolithic Semic...
CHC3014-99F UMS-CHC3014-99F_15 Datasheet
1Mb / 20P
X-band Core Chip
logo
Ampleon Netherlands B.V...
BLL6H1214-500 AMPLEON-BLL6H1214-500 Datasheet
1Mb / 21P
LDMOS L-band radar power transistor
Rev. 4 ??1 September 2015
BLS9G2731L-400 AMPLEON-BLS9G2731L-400 Datasheet
1Mb / 13P
LDMOS S-band radar power transistor
Rev. 1 ??13 April 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com