Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.0SMB Datasheet (PDF) - YAGEO Corporation

1.0SMB Datasheet PDF - YAGEO Corporation
Part # 1.0SMB
Download  1.0SMB Download
File Size   477.76 Kbytes
Page   9 Pages
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation
Description Transient Voltage Suppressors (TVS)

1.0SMB Datasheet (PDF)

Go To PDF Page Download Datasheet
1.0SMB Datasheet PDF - YAGEO Corporation

Part # 1.0SMB
Download  1.0SMB Click to download

File Size   477.76 Kbytes
Page   9 Pages
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation
Description Transient Voltage Suppressors (TVS)

1.0SMB Datasheet (HTML) - YAGEO Corporation


1.0SMB Product details

Features
■ For surface mounted applications in order to optimize board space
■ Low profile package
■ Built-in strain relief
■ Glass passivated junction
■ Low inductance
■ Excellent clamping capability
■ 1000W peak pulse power capability at 10/1000μs waveform,
repetition rate (duty cycle): 0.01%
■ Fast response time
■ Typical IR less than 1μA above 12V
■ High Temperature soldering: 260℃/10 seconds at terminals
■ Plastic package has underwriters laboratory flammability 94V-0
■ Meets MSL level 1, per J-STD-020
■ IEC61000-4-2 ESD 30KV Air, 30KV contact compliance
Mechanical Data
■ Case: JEDEC DO-214AA. Molded plastic over glass passivated junction
■ Terminal: Tin plated, solderable per MIL-STD-750, Method 2026
■ Polarity: Color band denotes cathode except bi-directional models
■ Standard Packaging: 12mm tape (EIA STD RS-481)
■ Weight: 0.10g
Applications
■ I/O interface ■ AC/DC power supply
■ Low frequency signal transmission line (RS232, RS485, etc.)




Similar Part No. - 1.0SMB

ManufacturerPart #DatasheetDescription
logo
Jiangsu High diode Semi...
1.0SMB HDSEMI-1.0SMB Datasheet
1Mb / 5P
SMB Plastic-Encapsulate Diodes
logo
Anova Technologies CO.,...
1.0SMB ANOVA-1.0SMB Datasheet
390Kb / 3P
Surface Mount Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
1.0SMB LUGUANG-1.0SMB Datasheet
861Kb / 3P
Surface Mount Transient Voltage Suppressors
logo
YAGEO Corporation
1.0SMB-AT YAGEO-1.0SMB-AT Datasheet
479Kb / 9P
Transient Voltage Suppressors (TVS)
Jun. 30, 2023 V.1
logo
Jiangsu High diode Semi...
1.0SMB100A HDSEMI-1.0SMB100A Datasheet
1Mb / 5P
SMB Plastic-Encapsulate Diodes
More results


Similar Description - 1.0SMB

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMAJ6.0 SOCAY-SMAJ6.0 Datasheet
621Kb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.5CA SOCAY-SMAJ6.5CA Datasheet
621Kb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
SMAJ7.0 SOCAY-SMAJ7.0 Datasheet
621Kb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
SMAJ10A SOCAY-SMAJ10A Datasheet
621Kb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
SMAJ10CA SOCAY-SMAJ10CA Datasheet
621Kb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
SMAJ11 SOCAY-SMAJ11 Datasheet
621Kb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
SMAJ11C SOCAY-SMAJ11C Datasheet
621Kb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
SMAJ12 SOCAY-SMAJ12 Datasheet
621Kb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
SMAJ SOCAY-SMAJ Datasheet
1Mb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
5KP SOCAY-5KP Datasheet
1Mb / 6P
Axial Lead Transient Voltage Suppressors (TVS)
Revision November 8, 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com