Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJXXA Datasheet (PDF) - Semtech Corporation

SMBJXXA Datasheet PDF - Semtech Corporation
Part # SMBJXXA
Download  SMBJXXA Download
File Size   517.35 Kbytes
Page   7 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 1-Line ESD Protection

SMBJXXA Datasheet (PDF)

Go To PDF Page Download Datasheet
SMBJXXA Datasheet PDF - Semtech Corporation

Part # SMBJXXA
Download  SMBJXXA Click to download

File Size   517.35 Kbytes
Page   7 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 1-Line ESD Protection

SMBJXXA Datasheet (HTML) - Semtech Corporation


SMBJXXA Product details

Features
Ÿ High ESD withstand Voltage:
Ÿ IEC 61000-4-2 (ESD): 30kV (Contact), 30kV (Air)
Ÿ IEC 61000-4-4 (EFT) 40A (5/50ns)
Ÿ Peak power dissipation 600W @ 10x1000μs pulse
Ÿ Protects one data or power line
Ÿ Unidirectional
Ÿ High peak pulse current capability
Ÿ Operating voltage options: 5V to 170V




Similar Part No. - SMBJXXA

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
SMBJXX FS-SMBJXX Datasheet
432Kb / 5P
Transient Voltage Suppressor Diodes
logo
Semtech Corporation
SMBJXXCA SEMTECH-SMBJXXCA Datasheet
537Kb / 7P
1-Line ESD Protection
Rev. 1.2 15/2024
logo
Alpha & Omega Semicondu...
SMBJXXXA AOSMD-SMBJXXXA Datasheet
706Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
logo
Cystech Electonics Corp...
SMBJXXXA-0-T6-G CYSTEKEC-SMBJXXXA-0-T6-G Datasheet
471Kb / 9P
Surface Mount Transient Voltage Suppressors
logo
Alpha & Omega Semicondu...
SMBJXXXCA AOSMD-SMBJXXXCA Datasheet
706Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
More results


Similar Description - SMBJXXA

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP0521PA SEMTECH-RCLAMP0521PA Datasheet
332Kb / 6P
1-Line ESD Protection
UCLAMP0511PQ SEMTECH-UCLAMP0511PQ_16 Datasheet
461Kb / 8P
1-Line ESD Protection
UCLAMP0511Z SEMTECH-UCLAMP0511Z Datasheet
374Kb / 8P
1 Line, 5V ESD Protection
UCLAMP1211Z SEMTECH-UCLAMP1211Z_17 Datasheet
319Kb / 7P
1 Line, 12V ESD Protection
RCLAMP0521Z SEMTECH-RCLAMP0521Z_15 Datasheet
301Kb / 8P
1-Line ESD protection
RCLAMP1851ZA SEMTECH-RCLAMP1851ZA_16 Datasheet
572Kb / 8P
1-Line, 18V ESD Protection
RCLAMP2451ZA SEMTECH-RCLAMP2451ZA_17 Datasheet
440Kb / 8P
1-Line, 24V ESD Protection
RCLAMP0561Z SEMTECH-RCLAMP0561Z Datasheet
1Mb / 10P
1-Line, 120fF ESD Protection
UCLAMP0501Z SEMTECH-UCLAMP0501Z Datasheet
484Kb / 6P
1-Line, 5V ESD Protection
UCLAMP5011ZA SEMTECH-UCLAMP5011ZA_V01 Datasheet
601Kb / 8P
1-Line, 5V ESD Protection
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com