Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7124-8 Datasheet (PDF) - Analog Devices

AD7124-8 Datasheet PDF - Analog Devices
Part # AD7124-8_V01
Download  AD7124-8 Download
File Size   1682.66 Kbytes
Page   95 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference

AD7124-8 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7124-8 Datasheet PDF - Analog Devices

Part # AD7124-8_V01
Download  AD7124-8 Click to download

File Size   1682.66 Kbytes
Page   95 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference

AD7124-8 Datasheet (HTML) - Analog Devices


AD7124-8 Product details

FEATURES
► 3 power modes
► RMS noise
► Low power: 24 nV rms at 1.17 SPS, gain = 128 (255 μA typical)
► Mid power: 20 nV rms at 2.34 SPS, gain = 128 (355 μA typical)
► Full power: 23 nV rms at 9.4 SPS, gain = 128 (930 μA typical)
► Up to 22 noise free bits in all power modes (gain = 1)
► Output data rate
► Full power: 9.38 SPS to 19,200 SPS
► Mid power: 2.34 SPS to 4800 SPS
► Low power: 1.17 SPS to 2400 SPS
► Rail-to-rail analog inputs for gains > 1
► Simultaneous 50 Hz/60 Hz rejection at 25 SPS (single cycle settling)
► Diagnostic functions (which aid safe integrity level (SIL) certification)
► Crosspoint multiplexed analog inputs
► 8 differential/15 pseudo differential inputs
► Programmable gain (1 to 128)
► Band gap reference with 10 ppm/°C drift maximum (70 μA)
► Matched programmable excitation currents
► Internal clock oscillator
► On-chip bias voltage generator
► Low-side power switch
► General-purpose outputs
► Multiple filter options
► Internal temperature sensor
► Self and system calibration
► Sensor burnout detection
► Automatic channel sequencer
► Per channel configuration
► Power supply: 2.7 V to 3.6 V and ±1.8 V
► Independent interface power supply
► Power-down current: 5 μA maximum
► Temperature range: −40°C to +125°C
► 32-lead LFCSP
► 3-wire or 4-wire serial interface
► SPI, QSPI™, MICROWIRE™, and DSP compatible
► Schmitt trigger on SCLK
► ESD: 4 kV
► AEC-Q100 qualified for automotive applications

APPLICATIONS
► Temperature measurement
► Pressure measurement
► Industrial process control
► Instrumentation
► Smart transmitters




Similar Part No. - AD7124-8_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7124-8BCPZ AD-AD7124-8BCPZ Datasheet
1Mb / 91P
8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
REV. B
AD7124-8BCPZ AD-AD7124-8BCPZ Datasheet
1Mb / 93P
8-Channel, Low Noise, Low Power, 24-Bit Sigma-Delta ADC with PGA and Reference
Rev. D
AD7124-8BCPZ-RL AD-AD7124-8BCPZ-RL Datasheet
1Mb / 91P
8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
REV. B
AD7124-8BCPZ-RL AD-AD7124-8BCPZ-RL Datasheet
1Mb / 93P
8-Channel, Low Noise, Low Power, 24-Bit Sigma-Delta ADC with PGA and Reference
Rev. D
AD7124-8BCPZ-RL7 AD-AD7124-8BCPZ-RL7 Datasheet
1Mb / 91P
8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
REV. B
More results


Similar Description - AD7124-8_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7190 AD-AD7190 Datasheet
178Kb / 21P
4.8 kHz Ultra-Low Noise 24-Bit Sigma-Delta ADC with PGA
Rev.PrD 7/08
AD7124-4 AD-AD7124-4 Datasheet
1Mb / 90P
4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. A
AD7124-8 AD-AD7124-8 Datasheet
1Mb / 91P
8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
REV. B
AD7124-8 AD-AD7124-8_17 Datasheet
1Mb / 93P
8-Channel, Low Noise, Low Power, 24-Bit Sigma-Delta ADC with PGA and Reference
Rev. D
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
24-Bit Sigma-Delta ADC with PGA
02-Aug-2017
AD7194 AD-AD7194_17 Datasheet
1Mb / 55P
24-Bit Sigma-Delta ADC with PGA
07-Jul-2017
logo
Maxim Integrated Produc...
MAX11410A MAXIM-MAX11410A Datasheet
1Mb / 95P
24-Bit, Multichannel, Low-Power 1.9ksps Delta-Sigma ADC with PGA
Rev 0; 10/20
logo
Analog Devices
AD7124-4-EP AD-AD7124-4-EP Datasheet
272Kb / 17P
4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
ADFS7124-4 AD-ADFS7124-4 Datasheet
3Mb / 93P
4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
ADFS7124-8 AD-ADFS7124-8 Datasheet
2Mb / 93P
8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com