Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9084-DF Datasheet (PDF) - Analog Devices

AD9084-DF Datasheet PDF - Analog Devices
Part # AD9084-DF
Download  AD9084-DF Download
File Size   3866.84 Kbytes
Page   50 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Apollo MxFE Quad, 16-Bit 28GSPS RF DAC and Quad 12-Bit, 20GSPS RF ADC

AD9084-DF Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9084-DF Datasheet PDF - Analog Devices

Part # AD9084-DF
Download  AD9084-DF Click to download

File Size   3866.84 Kbytes
Page   50 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Apollo MxFE Quad, 16-Bit 28GSPS RF DAC and Quad 12-Bit, 20GSPS RF ADC

AD9084-DF Datasheet (HTML) - Analog Devices


AD9084-DF Product details

FEATURES
► Reconfigurable mixed signal platform design
► 4 16-bit RF DACs and 4 12-bit RF ADCs (4T4R)
► Usable RF analog bandwidth to 18GHz
► Fast detect with low latency for fast AGC control
► Signal monitor for slow AGC control
► Power amplifier downstream protection circuitry
► Maximum DAC/ADC sample rate up to 28GSPS/20GSPS
► Versatile digital features
► Maximum instantaneous bandwidth of 8GHz per channel
► Programmable FIR filters at full ADC and DAC sample rates
► Configurable fine and coarse DDCs and DUCs
► Fast frequency hopping with profiles
► Dynamic configuration through SPI, HSCI, or GPIO
► Programmable fractional data rate sampler from 1× to 2×
► JESD204B and JESD204C: 16Gbps and 28.21Gbps
► On-chip temperature monitoring unit
► Package: 24mm × 26mm, 899-ball BGA with 0.8mm pitch

APPLICATIONS
► Radar and phase array systems
► Seeker front end
► Tactical defense radio infrastructure
► Electronic warfare and signal intelligence
► Wireless communications infrastructure
► Wireless communications test (5G mmWave, 5G C band, backhaul)




Similar Part No. - AD9084-DF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9084-DF AD-AD9084-DF Datasheet
272Kb / 3P
Apollo MxFE Quad, 16-Bit, 28 GSPS RF DAC and Quad, 12-Bit, 20 GSPS RF ADC
Rev. PrA
AD9084-DF AD-AD9084-DF Datasheet
276Kb / 3P
Apollo MxFE Octal, 16-Bit, 16 GSPS RF DAC and Octal, 12-Bit, 8 GSPS RF ADC
Rev. PrA
More results


Similar Description - AD9084-DF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD664 AD-AD664 Datasheet
566Kb / 20P
Monolithic 12-Bit Quad DAC
logo
Maxim Integrated Produc...
MX390 MAXIM-MX390 Datasheet
171Kb / 4P
Quad, 12-Bit, 關P-Compatible DAC
Rev 0; 2/93
logo
Analog Devices
AD664JPZ AD-AD664JPZ Datasheet
671Kb / 23P
Monolithic 12-Bit Quad DAC
REV. D
AD664 AD-AD664_15 Datasheet
671Kb / 23P
Monolithic 12-Bit Quad DAC
REV. D
AD664 AD-AD664_17 Datasheet
725Kb / 24P
Monolithic 12-Bit Quad DAC
23-Feb-2017
AD5686 AD-AD5686 Datasheet
746Kb / 27P
Quad, 16-/12-Bit nanoDAC
6/2017-Rev. B to Rev. C
AD9082 AD-AD9082 Datasheet
717Kb / 33P
MxFE Quad, 16-Bit, 12 GSPS RF DAC and Dual, 12-Bit, 6 GSPS RF ADC
9/2020-Rev. 0 to Rev. A
AD9081 AD-AD9081 Datasheet
122Kb / 3P
MxFE Quad, 16-Bit, 12 GSPS RF DAC and Quad, 12-Bit, 4 GSPS RF ADC
AD9177 AD-AD9177 Datasheet
132Kb / 5P
Quad, 16-Bit, 12 GSPS RF DAC
AD9209 AD-AD9209 Datasheet
120Kb / 5P
Quad, 12-Bit, 4 GSPS RF ADC
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com