Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5309 Datasheet (PDF) - Analog Devices

ADL5309 Datasheet PDF - Analog Devices
Part # ADL5309_V01
Download  ADL5309 Download
File Size   1823.31 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual, 188 dB Range, 10 pA to 25 mA, Logarithmic Converter

ADL5309 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL5309 Datasheet PDF - Analog Devices

Part # ADL5309_V01
Download  ADL5309 Click to download

File Size   1823.31 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual, 188 dB Range, 10 pA to 25 mA, Logarithmic Converter

ADL5309 Datasheet (HTML) - Analog Devices


ADL5309 Product details

FEATURES
► 188 dB electrical dynamic range and 94 dB optical dynamic range
► Dual-channel current inputs for direct optical gain measurements
► Accurately trimmed logarithmic response:
► Logarithmic slope 200 mV/decade
► Logarithmic conformance error ±0.4 dB over temperature
► Offset trimmed at 70°C to reduce dark current
► Integrated LDO: 26 dB PSRR at 60 Hz and 100 pA input current (VCC = 3.0 V)
► I2C adjustable:
► Photodiode bias voltage
► Trade-off between noise and response time at low input currents
► Integrated 14-bit ADC
► Requires minimal external components
► 2.040 mm × 1.640 mm, 20-lead WLCSP

APPLICATIONS
► Automatic test equipment
► Optical power monitoring
► Machine automation
► Optical modules




Similar Part No. - ADL5309_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5309-EVALZ AD-ADL5309-EVALZ Datasheet
1Mb / 25P
Dual, 188 dB Range, 10 pA to 25 mA, Logarithmic Converter
Rev. 0
ADL5309-KIT-EVALZ AD-ADL5309-KIT-EVALZ Datasheet
1Mb / 25P
Dual, 188 dB Range, 10 pA to 25 mA, Logarithmic Converter
Rev. 0
ADL5309ACBZ AD-ADL5309ACBZ Datasheet
1Mb / 25P
Dual, 188 dB Range, 10 pA to 25 mA, Logarithmic Converter
Rev. 0
ADL5309ACBZ-R7 AD-ADL5309ACBZ-R7 Datasheet
1Mb / 25P
Dual, 188 dB Range, 10 pA to 25 mA, Logarithmic Converter
Rev. 0
ADL5309ACBZ-RL AD-ADL5309ACBZ-RL Datasheet
1Mb / 25P
Dual, 188 dB Range, 10 pA to 25 mA, Logarithmic Converter
Rev. 0
More results


Similar Description - ADL5309_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8304 AD-AD8304 Datasheet
4Mb / 20P
160 dB Range (100 pA -10 mA) Logarithmic Converter
8/02-Data Sheet changed from REV. 0 to REV. A.
AD8305 AD-AD8305 Datasheet
1Mb / 20P
100 dB Range (10 nA to 1 mA) Logarithmic Converter
3/03-Data Sheet changed from REV. 0 to REV. A.
ADL5310 AD-ADL5310 Datasheet
665Kb / 20P
120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
9/04-Data Sheet Changed from Rev. 0 to Rev. A
ADL5303 AD-ADL5303 Datasheet
468Kb / 24P
160 dB Range 100 pA to 10 mA Low Cost Logarithmic Converter
REV. 0
AD8304ARUZ AD-AD8304ARUZ Datasheet
579Kb / 20P
160 dB Range (100 pA -10 mA) Logarithmic Converter
REV. A
ADL5310ACPZ-REEL7 AD-ADL5310ACPZ-REEL7 Datasheet
595Kb / 20P
120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
REV. A
ADL5310ACPZ-REEL7 AD-ADL5310ACPZ-REEL7 Datasheet
595Kb / 20P
120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
REV. A
AD8304 AD-AD8304_15 Datasheet
579Kb / 20P
160 dB Range Logarithmic Converter
REV. A
AD8305 AD-AD8305_15 Datasheet
429Kb / 24P
100 dB Range Logarithmic Converter
REV. B
ADL5308 AD-ADL5308 Datasheet
1Mb / 22P
Fast Response 188 dB Range (10 pA to 25 mA) Logarithmic Converter
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com