Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV1555 Datasheet (PDF) - Analog Devices

ADMV1555 Datasheet PDF - Analog Devices
Part # ADMV1555
Download  ADMV1555 Download
File Size   3104.02 Kbytes
Page   41 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 18 GHz to 55 GHz, GaAs, MMIC, Wideband I/Q Mixer

ADMV1555 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADMV1555 Datasheet PDF - Analog Devices

Part # ADMV1555
Download  ADMV1555 Click to download

File Size   3104.02 Kbytes
Page   41 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 18 GHz to 55 GHz, GaAs, MMIC, Wideband I/Q Mixer

ADMV1555 Datasheet (HTML) - Analog Devices


ADMV1555 Product details

FEATURES
► Conversion loss: 8 dB typical
► Input IP3: 23 dBm typical
► Input P1dB: 15 dBm typical
► Image rejection: 25 dBc typical
► LO to RF isolation: 45 dB typical
► LO to IF isolation: 40 dB typical
► RF to IF isolation: 45 dB typical
► IF pin frequency: DC to 20 GHz
► Passive: no DC bias required
► 20-terminal, RoHS compliant, 5 mm × 5 mm, LGA package

APPLICATIONS
► Microwave and very small aperture terminal (VSAT) radios
► Test equipment
► Military electronic warfare (EW)
► Electronic countermeasure (ECM)
► Command, control, communications, and intelligence (C3I)




Similar Part No. - ADMV1555

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMV1550 AD-ADMV1550 Datasheet
3Mb / 34P
15 GHz to 65 GHz, GaAs, MMIC, Double Balanced Mixer
Rev. 0
ADMV1550-EVALZ AD-ADMV1550-EVALZ Datasheet
3Mb / 34P
15 GHz to 65 GHz, GaAs, MMIC, Double Balanced Mixer
Rev. 0
ADMV1550ACCZ AD-ADMV1550ACCZ Datasheet
3Mb / 34P
15 GHz to 65 GHz, GaAs, MMIC, Double Balanced Mixer
Rev. 0
ADMV1550ACCZ-R2 AD-ADMV1550ACCZ-R2 Datasheet
3Mb / 34P
15 GHz to 65 GHz, GaAs, MMIC, Double Balanced Mixer
Rev. 0
More results


Similar Description - ADMV1555

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC520LC4 HITTITE-HMC520LC4 Datasheet
288Kb / 6P
GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC521 HITTITE-HMC521 Datasheet
310Kb / 6P
GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC521LC4 HITTITE-HMC521LC4 Datasheet
289Kb / 6P
GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC522 HITTITE-HMC522 Datasheet
307Kb / 6P
GaAs MMIC I/Q MIXER 11 - 16 GHz
HMC524 HITTITE-HMC524 Datasheet
305Kb / 6P
GaAs MMIC I/Q MIXER 22 - 32 GHz
HMC-MDB207 HITTITE-HMC-MDB207 Datasheet
241Kb / 8P
GaAs MMIC I/Q MIXER 55 - 64 GHz
HMC-MDB207 HITTITE-HMC-MDB207_09 Datasheet
194Kb / 6P
GaAs MMIC I/Q MIXER 55 - 64 GHz
logo
Analog Devices
HMC521ACHIPS AD-HMC521ACHIPS Datasheet
660Kb / 25P
8.5 GHz to 13.5 GHz, GaAs, MMIC, I/Q Mixer
10/2019-Revision 0
HMC524ALC3B AD-HMC524ALC3B Datasheet
507Kb / 24P
22 GHz to 32 GHz, GaAs, MMIC, I/Q Mixer
5/2018-Rev. 0 to Rev. A
HMC525ALC4 AD-HMC525ALC4 Datasheet
498Kb / 28P
4 GHz to 8.5 GHz, GaAs, MMIC, I/Q Mixer
5/2018-Rev. 0 to Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com