Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

14H Datasheet (PDF) - YAGEO Corporation

14H Datasheet PDF - YAGEO Corporation
Part # 14H
Download  14H Download
File Size   1073.8 Kbytes
Page   14 Pages
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation
Description Metal Oxide Varistor (MOV)

14H Datasheet (PDF)

Go To PDF Page Download Datasheet
14H Datasheet PDF - YAGEO Corporation

Part # 14H
Download  14H Click to download

File Size   1073.8 Kbytes
Page   14 Pages
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation
Description Metal Oxide Varistor (MOV)

14H Datasheet (HTML) - YAGEO Corporation


14H Product details

Features
■ Wide operating voltage (V1mA) range from 18V to 1800V
■ Fast responding to transient over-voltage
■ Large absorbing transient energy capability
■ Low clamping ratio and no follow-on current
■ Meets MSL level 1, per J-STD-020
■ Operating Temperature:-40℃ ~ +140℃
■ Storage Temperature:-40℃ ~ +140℃
■ Safety certification: UL: E327997
TUV: B0960480010
CQC:17001172544
CSA: 246579
Applications
■ Transistor, diode, IC, thyristor or triac semiconductor protection
■ Surge protection in consumer electronics
■ Surge protection in industrial electronics
■ Surge protection in electronic home appliances, gas and petroleum appliances
■ Relay and electromagnetic valve surge absorption




Similar Part No. - 14H

ManufacturerPart #DatasheetDescription
logo
3M Electronics
14H26-SZ3M-050-03C 3M-14H26-SZ3M-050-03C Datasheet
339Kb / 6P
3M Mini D Ribbon (MDR) Cable Assembly
16-Jan-2008
14H26-SZ3M-050-04C 3M-14H26-SZ3M-050-04C Datasheet
713Kb / 6P
3M Mini D Ribbon (MDR) Cable Assembly
20-Jan-2008
14H26-SZ3M-050-0LC 3M-14H26-SZ3M-050-0LC Datasheet
1Mb / 6P
3M Mini D Ribbon (MDR) Cable Assembly
24-Jan-2008
14H26-SZ3M-100-03C 3M-14H26-SZ3M-100-03C Datasheet
339Kb / 6P
3M Mini D Ribbon (MDR) Cable Assembly
16-Jan-2008
14H26-SZ3M-100-04C 3M-14H26-SZ3M-100-04C Datasheet
713Kb / 6P
3M Mini D Ribbon (MDR) Cable Assembly
20-Jan-2008
More results


Similar Description - 14H

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MOV-10D180K BOURNS-MOV-10D180K Datasheet
366Kb / 4P
MOV-10DxxxK Series - Metal Oxide Varistor
logo
BRIGHTKING (SHENZHEN) C...
180KD14 BRIGHTKING-180KD14 Datasheet
715Kb / 12P
Metal Oxide Varistor (MOV) Data Sheet
logo
HuaXinAn Electronics CO...
VDR10D180L HUAXINAN-VDR10D180L Datasheet
453Kb / 6P
Metal Oxide Varistors (MOV)
VDR25D820K HUAXINAN-VDR25D820K Datasheet
295Kb / 6P
Metal Oxide Varistors (MOV)
VDR34S130 HUAXINAN-VDR34S130 Datasheet
280Kb / 5P
Metal Oxide Varistors (MOV)
32D HUAXINAN-32D Datasheet
191Kb / 4P
Metal Oxide Varistors (MOV)
34S HUAXINAN-34S Datasheet
280Kb / 5P
Metal Oxide Varistors (MOV)
34S471K HUAXINAN-34S471K Datasheet
280Kb / 5P
Metal Oxide Varistors (MOV)
10D HUAXINAN-10D Datasheet
453Kb / 6P
Metal Oxide Varistors (MOV)
20D HUAXINAN-20D Datasheet
456Kb / 6P
Metal Oxide Varistors (MOV)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com