Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20H Datasheet (PDF) - YAGEO Corporation

20H Datasheet PDF - YAGEO Corporation
Part # 20H
Download  20H Download
File Size   1070.51 Kbytes
Page   13 Pages
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation
Description Metal Oxide Varistors (MOV)

20H Datasheet (PDF)

Go To PDF Page Download Datasheet
20H Datasheet PDF - YAGEO Corporation

Part # 20H
Download  20H Click to download

File Size   1070.51 Kbytes
Page   13 Pages
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation
Description Metal Oxide Varistors (MOV)

20H Datasheet (HTML) - YAGEO Corporation


20H Product details

Features
■ Wide operating voltage (V1mA) range from 18V to 1800V
■ Fast responding to transient over-voltage
■ Large absorbing transient energy capability
■ Low clamping ratio and no follow-on current
■ Meets MSL level 1, per J-STD-020
■ Operating Temperature:-40℃ ~ +140℃
■ Storage Temperature:-40℃ ~ +140℃
■ Safety certification: UL: E327997
TUV: B0960480010
CQC:17001172545
CSA: 246579
Applications
■ Transistor, diode, IC, thyristor or triac semiconductor protection
■ Surge protection in consumer electronics
■ Surge protection in industrial electronics
■ Surge protection in electronic home appliances, gas and petroleum appliances
■ Relay and electromagnetic valve surge absorption




Similar Part No. - 20H

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
20H04 SMSC-20H04 Datasheet
919Kb / 38P
4-PORT USB2.0 HUB CONTROLLER
logo
Cooper Bussmann, Inc.
20H07-660 COOPER-20H07-660 Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
Vishay Siliconix
20H100M VISHAY-20H100M Datasheet
76Kb / 3P
Quartz Crystals
11-Jul-17
20H12M288 VISHAY-20H12M288 Datasheet
76Kb / 3P
Quartz Crystals
11-Jul-17
logo
All Sensors Corporation
20H2O-D1-4V-MINI ASC-20H2O-D1-4V-MINI Datasheet
103Kb / 4P
MiniatureAmplifiedPressureSensors
Rev A
More results


Similar Description - 20H

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1V010 NTE-NTE1V010_13 Datasheet
67Kb / 3P
Metal Oxide Varistors (MOV)
logo
HuaXinAn Electronics CO...
VDR10D180L HUAXINAN-VDR10D180L Datasheet
453Kb / 6P
Metal Oxide Varistors (MOV)
VDR20D180L HUAXINAN-VDR20D180L Datasheet
456Kb / 6P
Metal Oxide Varistors (MOV)
VDR25D820K HUAXINAN-VDR25D820K Datasheet
295Kb / 6P
Metal Oxide Varistors (MOV)
VDR34S130 HUAXINAN-VDR34S130 Datasheet
280Kb / 5P
Metal Oxide Varistors (MOV)
32D HUAXINAN-32D Datasheet
191Kb / 4P
Metal Oxide Varistors (MOV)
34S HUAXINAN-34S Datasheet
280Kb / 5P
Metal Oxide Varistors (MOV)
34S471K HUAXINAN-34S471K Datasheet
280Kb / 5P
Metal Oxide Varistors (MOV)
10D HUAXINAN-10D Datasheet
453Kb / 6P
Metal Oxide Varistors (MOV)
20D HUAXINAN-20D Datasheet
456Kb / 6P
Metal Oxide Varistors (MOV)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com