Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25M Datasheet (PDF) - YAGEO Corporation

25M Datasheet PDF - YAGEO Corporation
Part # 25M
Download  25M Download
File Size   1207.08 Kbytes
Page   11 Pages
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation
Description Metal Oxide Varistor

25M Datasheet (PDF)

Go To PDF Page Download Datasheet
25M Datasheet PDF - YAGEO Corporation

Part # 25M
Download  25M Click to download

File Size   1207.08 Kbytes
Page   11 Pages
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation
Description Metal Oxide Varistor

25M Datasheet (HTML) - YAGEO Corporation


25M Product details

Features
■ TMOV integrated thermal protection device
■ High peak surge current rating up to 15KA
■ Designed to facilitate compliance to UL1449 for TVSS products
■ Wide operating voltage (V1mA) range from 150V to 1200V
■ Rated current: 20A
■ Rated Functioning Temperature:136(℃)
■ Fast responding to transient over-voltage and limited current
■ Large absorbing transient energy capability
■ Low clamping ratio and no follow-on current
■ Three-lead version available for indication purposes
■ Meets MSL level 1, per J-STD-020
■ Operating Temperature:-40℃ ~ +85℃
■ Storage Temperature:-40℃ ~ +85℃
■ Safety certification: UL: E327997
Applications
■ AC power line or AC/DC supplies
■ Transistor, diode, IC, thyristor or triac semiconductor protection
■ Surge protection in consumer electronics
■ Surge protection in industrial electronics
■ Surge protection in electronic home appliances, gas and petroleum appliances
■ Relay and electromagnetic valve surge absorption
■ AC panel protection Modules




Similar Part No. - 25M

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
25M SHUNYE-25M Datasheet
189Kb / 2P
SOZA CELL
logo
Winbond
25M02GVTBIG WINBOND-25M02GVTBIG Datasheet
820Kb / 68P
3V 2G-BIT (2 x 1G-BIT) SERIAL SLC NAND FLASH MEMORY WITH DUAL/QUAD SPI BUFFER READ & CONTINUOUS READ CONCURRENT OPERATIONS
25M02GVTBIT WINBOND-25M02GVTBIT Datasheet
820Kb / 68P
3V 2G-BIT (2 x 1G-BIT) SERIAL SLC NAND FLASH MEMORY WITH DUAL/QUAD SPI BUFFER READ & CONTINUOUS READ CONCURRENT OPERATIONS
25M02GVTCIG WINBOND-25M02GVTCIG Datasheet
820Kb / 68P
3V 2G-BIT (2 x 1G-BIT) SERIAL SLC NAND FLASH MEMORY WITH DUAL/QUAD SPI BUFFER READ & CONTINUOUS READ CONCURRENT OPERATIONS
25M02GVTCIT WINBOND-25M02GVTCIT Datasheet
820Kb / 68P
3V 2G-BIT (2 x 1G-BIT) SERIAL SLC NAND FLASH MEMORY WITH DUAL/QUAD SPI BUFFER READ & CONTINUOUS READ CONCURRENT OPERATIONS
More results


Similar Description - 25M

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
NV73AL KOA-NV73AL Datasheet
312Kb / 4P
metal oxide varistor
NV73AL1JTTE8R2 KOA-NV73AL1JTTE8R2_11 Datasheet
503Kb / 4P
metal oxide varistor
logo
Bourns Electronic Solut...
MOV-07D180K BOURNS-MOV-07D180K Datasheet
691Kb / 4P
Metal Oxide Varistor
MOV-14DXXXK BOURNS-MOV-14DXXXK Datasheet
309Kb / 4P
Metal Oxide Varistor
logo
List of Unclassifed Man...
G ETC2-G_V01 Datasheet
214Kb / 9P
Metal Oxide Varistor
logo
Bourns Electronic Solut...
MOV-07D180K BOURNS-MOV-07D180K_V01 Datasheet
560Kb / 5P
Metal Oxide Varistor
logo
List of Unclassifed Man...
JVR ETC-JVR Datasheet
1Mb / 20P
Metal Oxide Varistor
2022/09/12
JVT ETC-JVT Datasheet
1Mb / 20P
Metal Oxide Varistor
2022/09/12
JVT_AUT ETC-JVT_AUT Datasheet
1Mb / 20P
Metal Oxide Varistor
2022/09/12
JVZ ETC-JVZ Datasheet
1Mb / 21P
Metal Oxide Varistor
2022/09/12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com