Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

410W Datasheet (PDF) - Sealevel Systems, Inc.

410W Datasheet PDF - Sealevel Systems, Inc.
Part # 410W
Download  410W Download
File Size   294.14 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description Wi-Fi 802.11b/g Modbus TCP Interface to 16 Isolated Inputs / 16 Reed Relay Outputs

410W Datasheet (PDF)

Go To PDF Page Download Datasheet
410W Datasheet PDF - Sealevel Systems, Inc.

Part # 410W
Download  410W Click to download

File Size   294.14 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description Wi-Fi 802.11b/g Modbus TCP Interface to 16 Isolated Inputs / 16 Reed Relay Outputs

410W Datasheet (HTML) - Sealevel Systems, Inc.


410W Product details

Features
• Complies with 802.11g and 802.11b (2.4GHz) networking standards
• Wireless security supports WEP, WPA-TKIP, and WPA2-AES encryption
standards
• 16 SPST Form A Reed relays
• 16 optically isolated inputs
• Removable screw terminals simplify field wiring
• Status indicator LEDs for Communication, Fault, and Power
• Input power via terminal block or modular connector
• DIN rail or table mount
• Sealevel SeaMAX software supports Microsoft Windows and Linux
operating systems




Similar Part No. - 410W

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
410 INTEL-410 Datasheet
1Mb / 71P
Celeron M Processor on 65 nm Process
logo
3M Electronics
410 3M-410 Datasheet
53Kb / 2P
Detectable Buried Barricade Tapes 400 Series
Jun-2010
logo
Marathon Special Produc...
410 MARATHON-410 Datasheet
597Kb / 3P
Replace “XX” with 01 through 12 for number of poles 11/16 (.688) pitch
logo
Morse Mfg. Co., Inc.
410 MORSE-410 Datasheet
1Mb / 3P
Heavy-Duty Hydra-Lift Karriers
23 Dec, 2021
logo
Enercon Technologies Eu...
410 ENERCON-410 Datasheet
816Kb / 3P
Integrated Soldier Power and Data Management System (ISPDS) with USB.3.0 and 1G LAN Capabilities
Jan 25, 2020
More results


Similar Description - 410W

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
TWR-ZGWIFI FREESCALE-TWR-ZGWIFI Datasheet
847Kb / 1P
Tower System 802.11b Wi-Fi Module
logo
List of Unclassifed Man...
PCI-7256 ETC2-PCI-7256 Datasheet
309Kb / 2P
16-CH Latching Relay Outputs & 16-CH Isolated DI Card
logo
Texas Instruments
CC3000MOD TI-CC3000MOD Datasheet
643Kb / 16P
TI SimpleLink CC3000 Module . Wi-Fi 802.11b/g Network Processor
logo
DB Lectro Inc
PS110W DBLECTRO-PS110W Datasheet
468Kb / 2P
Connects legacy serial devices to 802.11b/g Wi-Fi or 10/100Base-T
logo
Advantech Co., Ltd.
ADAM-6052 ADVANTECH-ADAM-6052_14 Datasheet
1Mb / 2P
16-ch Source-type Isolated Digital I/O Modbus TCP Module
ADAM-6251 ADVANTECH-ADAM-6251_14 Datasheet
1Mb / 2P
16-ch Isolated Digital Input Modbus TCP Module
ADAM-6256 ADVANTECH-ADAM-6256_14 Datasheet
1Mb / 2P
16-ch Isolated Digital Output Modbus TCP Module
logo
Texas Instruments
CC3000 TI1-CC3000_16 Datasheet
1Mb / 19P
Module ??Wi-Fi 802.11b/g Network Processor
logo
Telit loT Solutions
WE866A1-P TELIT-WE866A1-P Datasheet
656Kb / 2P
Wi-Fi IEEE 802.11b/g/n Embedded
logo
Advantech Co., Ltd.
SE316-T ADVANTECH-SE316-T Datasheet
950Kb / 3P
Monitored Ethernet Switch 16 port, SNMP, Modbus/TCP
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com