Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BME690 Datasheet (PDF) - Bosch Sensortec GmbH

BME690 Datasheet PDF - Bosch Sensortec GmbH
Part # BME690
Download  BME690 Download
File Size   2927.54 Kbytes
Page   60 Pages
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH
Description Digital low power temperature, humidity, pressure and gas sensor with AI

BME690 Datasheet (PDF)

Go To PDF Page Download Datasheet
BME690 Datasheet PDF - Bosch Sensortec GmbH

Part # BME690
Download  BME690 Click to download

File Size   2927.54 Kbytes
Page   60 Pages
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH
Description Digital low power temperature, humidity, pressure and gas sensor with AI

BME690 Datasheet (HTML) - Bosch Sensortec GmbH


BME690 Product details

Key features

Package 3.0 mm x 3.0 mm x 0.93 mm metal lid LGA
Digital interface I²C (up to 3.4 MHz) and SPI (3 and 4 wire, up to 10 MHz)
Supply voltage VDD main supply voltage range: 1.71 V to 3.6 V VDDIO interface voltage range: 1.2 V to 3.6 V
Current consumption** 2.2 μA at 1 Hz humidity and temperature 3.1 μA at 1 Hz pressure and temperature 4.2 μA at 1 Hz humidity, pressure and temperature 50 μA at ULP mode for p/h/T & air quality 0.5 mA at LP mode for p/h/T & air quality 3.1 mA in standard gas scan mode
0.05 – 12 mA for p/h/T/gas in customized operation modes 0.11 μA in sleep mode
Operating range -40‒+85 °C, 0‒100% r.H., 300‒1100 hPa
The product is RoHS compliant, halogen-free, MSL1
Align to WELL/RESET standards
Reduced power consumption for LP and ULP mode compared to BME680/BME688




Similar Part No. - BME690

ManufacturerPart #DatasheetDescription
logo
Bosch Sensortec GmbH
BME680 BOSCH-BME680 Datasheet
1Mb / 50P
Low power gas, pressure, temperature & humidity sensor
BME680 BOSCH-BME680 Datasheet
2Mb / 53P
Low power gas, pressure, temperature & humidity sensor
February 2024
BME680 BOSCH-BME680_V01 Datasheet
2Mb / 53P
Low power gas, pressure, temperature & humidity sensor
February 2024
BME688 BOSCH-BME688 Datasheet
3Mb / 60P
Digital low power gas, pressure, temperature & humidity sensor with AI
February, 2024
More results


Similar Description - BME690

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HDC1010 TI1-HDC1010 Datasheet
253Kb / 7P
Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1080 TI1-HDC1080 Datasheet
467Kb / 26P
Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
logo
TE Connectivity Ltd
MS8607-02BA01 TEC-MS8607-02BA01 Datasheet
618Kb / 22P
Integrated pressure, humidity and temperature sensor
MS8607 TEC-MS8607 Datasheet
179Kb / 4P
Digital Pressure and Humidity Sensor
logo
Humirel
MS8607 HUMIREL-MS8607 Datasheet
379Kb / 4P
Digital Pressure and Humidity Sensor
logo
TE Connectivity Ltd
HTU21D TEC-HTU21D_16 Datasheet
206Kb / 4P
Digital Humidity and Temperature Sensor
logo
Texas Instruments
HDC2080 TI1-HDC2080 Datasheet
1Mb / 41P
Low Power Humidity and Temperature Digital Sensor
logo
Bosch Sensortec GmbH
BME680 BOSCH-BME680 Datasheet
1Mb / 50P
Low power gas, pressure, temperature & humidity sensor
logo
List of Unclassifed Man...
AM2320 ETC2-AM2320 Datasheet
1Mb / 27P
Digital Temperature and Humidity Sensor
AM2321 ETC2-AM2321 Datasheet
1Mb / 30P
Digital Temperature and Humidity Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com