Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3167730 Datasheet (PDF) - Tabor Electronics Ltd. All Rights Reserved.

3167730 Datasheet PDF - Tabor Electronics Ltd. All Rights Reserved.
Part # 3167730
Download  3167730 Download
File Size   146.54 Kbytes
Page   2 Pages
Manufacturer  TABOR [Tabor Electronics Ltd. All Rights Reserved.]
Direct Link  https://www.taborelec.com/
Logo TABOR - Tabor Electronics Ltd. All Rights Reserved.
Description Amplifier Signal Channel Dual / Single p-Vp34

3167730 Datasheet (PDF)

Go To PDF Page Download Datasheet
3167730 Datasheet PDF - Tabor Electronics Ltd. All Rights Reserved.

Part # 3167730
Download  3167730 Click to download

File Size   146.54 Kbytes
Page   2 Pages
Manufacturer  TABOR [Tabor Electronics Ltd. All Rights Reserved.]
Direct Link  https://www.taborelec.com/
Logo TABOR - Tabor Electronics Ltd. All Rights Reserved.
Description Amplifier Signal Channel Dual / Single p-Vp34

3167730 Datasheet (HTML) - Tabor Electronics Ltd. All Rights Reserved.


3167730 Product details

The 9x60A-DST is a bench-top, 2U, half 19" rack size,
fully metal case, single or dual channel DC coupled
wideband amplifier designed for high frequency, high
current, signal amplification. While target applications
include piezo-electronics, transducer characterization,
MEMS, general electronics and scientific applications,
with a high bandwidth of 45MHz, 34Vp-p into 50 ohms
and up to 10W output power and a peak output current
of 1A, the 9x60A-DST is the ideal complimentary
amplifier to any signal source that needs a supporting
power boost for demanding applications.


Instrument Configuration
The 9x60A-DST can be configured to be used
as two, single-ended independent channels,
or as a one input with two differential outputs.
The 9x60A's standard configuration enables
a maximum output voltage of 34Vp-p into 50
ohms with a gain of x10. Other custom gain,
such as x15 can be ordered at the time of the
purchase, enabling clients’ even wider variety
of choices to solve their application.

Input Characteristics
There are three inputs for each channel:
1. Main input, which is located on the front panel
and is normally used for signal inputs.
2. Auxiliary input, which is located on the rear
panel and can be used as a summing input.
3.DC Offset input, which is located on the rear
panel and can be used for offsetting signal
level within the specified output level window.

Output Characteristics
The outputs are located on the front panel. There
are two outputs, one for each channel. When
the 9x60A-DST is configured as two separate
amplifiers, the outputs generate amplified signals
within the range of 34Vp-p into matching load
impedance at approximately 45MHz bandwidth.

Auxiliaries
The 9x60A-DST has two additional inputs
for each channel allowing summation of two
signals and providing an external control of DC
level offset. These inputs are accessible from
the rear panel only.




Similar Part No. - 3167730

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
316770-1 TEC-316770-1 Datasheet
2Mb / 4P
POWER DOUBLE LOCK (PDL) CONNECTORS
316770-1 TEC-316770-1 Datasheet
114Kb / 4P
Power Double Lock (PDL) Connectors
More results


Similar Description - 3167730

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
3N163 NJSEMI-3N163 Datasheet
123Kb / 1P
(SINGLE, DUAL) MOS FET P-CHANNEL, ENHANCEMENT
logo
ON Semiconductor
3LP01M ONSEMI-3LP01M Datasheet
265Kb / 6P
P-Channel Small Signal MOSFET
June, 2013
3LP01SS ONSEMI-3LP01SS Datasheet
531Kb / 7P
P-Channel Small Signal MOSFET
July, 2013
5LP01C ONSEMI-5LP01C Datasheet
267Kb / 6P
P-Channel Small Signal MOSFET
July, 2013
5LP01S ONSEMI-5LP01S Datasheet
520Kb / 7P
P-Channel Small Signal MOSFET
July, 2013
5LP01SS ONSEMI-5LP01SS Datasheet
283Kb / 6P
P-Channel Small Signal MOSFET
July, 2013
MGSF3455XT1 ONSEMI-MGSF3455XT1 Datasheet
125Kb / 4P
Small-Signal MOSFETs Single P-Channel Field Effect Transistors
May, 2013 ??Rev. 2
NTND31200PZ ONSEMI-NTND31200PZ Datasheet
76Kb / 5P
Dual P-Channel Small Signal MOSFET
November, 2015 ??Rev. 0
NTND31211PZ ONSEMI-NTND31211PZ Datasheet
75Kb / 5P
Dual P-Channel Small Signal MOSFET
November, 2015 ??Rev. 0
logo
Will Semiconductor Ltd.
WPMD2013 WILLSEMI-WPMD2013 Datasheet
383Kb / 6P
Dual P-Channel, -20V, -0.64A, Small Signal MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com