Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS116 Datasheet (PDF) - Multicomp Pro

HS116 Datasheet PDF - Multicomp Pro
Part # HS116
Download  HS116 Download
File Size   163.19 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Heat Shrink Tubing

HS116 Datasheet (PDF)

Go To PDF Page Download Datasheet
HS116 Datasheet PDF - Multicomp Pro

Part # HS116
Download  HS116 Click to download

File Size   163.19 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Heat Shrink Tubing

HS116 Datasheet (HTML) - Multicomp Pro


HS116 Product details

Features
•Semi-rigid, adhesive lined, polyolefin tubing
•3:1 shrink ratio
•Splash-resistant, moisture-resistant covering
•Rugged protection against abrasion, vibration and flexing
•Excellent strain relief and insulation of weak points
•Operation temperature range : -45°C to +125°C
•Minimum Shrink Temperature +70°C
•UL Approval: UL224, 125°C 600V VW-1 (except clear)




Similar Part No. - HS116

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HS116 ETC2-HS116 Datasheet
147Kb / 2P
Heat Shrink Tubings HS100 Series
logo
Multicomp Pro
HS116 MULTICOMP-HS116 Datasheet
154Kb / 2P
Adhesive Lined Heat Shrink Tubing
15/12/20 V1.0
HS116-100 MULTICOMP-HS116-100 Datasheet
154Kb / 2P
Adhesive Lined Heat Shrink Tubing
15/12/20 V1.0
logo
Pro-Power
HS116CLR PROPOWER-HS116CLR Datasheet
153Kb / 2P
3:1 Polyolefin Dual Wall Heat Shrink Tubing, Clear
V1.0 18/11/19
HS116CLR1.2M PROPOWER-HS116CLR1.2M Datasheet
153Kb / 2P
3:1 Polyolefin Dual Wall Heat Shrink Tubing, Clear
V1.0 18/11/19
More results


Similar Description - HS116

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
Q2-CB QUALTEK-Q2-CB Datasheet
397Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-HF QUALTEK-Q2-HF Datasheet
796Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-LS QUALTEK-Q2-LS Datasheet
821Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q-175K QUALTEK-Q-175K Datasheet
599Kb / 1P
HEAT SHRINK THIN WALL TUBING
QBG QUALTEK-QBG Datasheet
621Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-F QUALTEK-Q2-F_13 Datasheet
699Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-F4X QUALTEK-Q2-F4X_13 Datasheet
662Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-R QUALTEK-Q2-R_13 Datasheet
649Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q-150K QUALTEK-Q-150K_13 Datasheet
758Kb / 1P
HEAT SHRINK THIN WALL TUBING
logo
List of Unclassifed Man...
PP2258 ETC2-PP2258 Datasheet
271Kb / 4P
Heat Shrink Tubing
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com