Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB312-500M12 Datasheet (PDF) - Multicomp Pro

MB312-500M12 Datasheet PDF - Multicomp Pro
Part # MB312-500M12
Download  MB312-500M12 Download
File Size   156.51 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description PCB Terminal Block Modular

MB312-500M12 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB312-500M12 Datasheet PDF - Multicomp Pro

Part # MB312-500M12
Download  MB312-500M12 Click to download

File Size   156.51 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description PCB Terminal Block Modular

MB312-500M12 Datasheet (HTML) - Multicomp Pro


MB312-500M12 Product details

Pitch : 5mm
Poles : 2 to 3Poles
Housing Material : PA 66
Cage Clamp : Brass, Ni Plated
Contact : Brass, Tin Plated
Screw Thread : M2.6, Steel, Zinc Plated
Wire Size : 12AWG to 26AWG
PCB Hole Diameter : 1.5mm
Tightening Torque, Max. : 5Lb-in
Operating Temperature : -40°C to +105°C




Similar Part No. - MB312-500M12

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
MB31 TAI-TECH-MB31 Datasheet
83Kb / 2P
Ferrite Chip Bead(Lead Free)
logo
Pan Jit International I...
MB310 PANJIT-MB310 Datasheet
104Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
MB310 ZSELEC-MB310 Datasheet
104Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
MB310-AU PANJIT-MB310-AU Datasheet
225Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
July 14,2017-REV.11
MB310-AU_R2_000A1 PANJIT-MB310-AU_R2_000A1 Datasheet
225Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
July 14,2017-REV.11
More results


Similar Description - MB312-500M12

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3100305 PHOENIX-3100305 Datasheet
131Kb / 5P
Feed-through modular terminal block
0920083 PHOENIX-0920083 Datasheet
128Kb / 10P
Fuse modular terminal block
logo
Adam Technologies, Inc.
EB15-XX-C-180 ADAM-TECH-EB15-XX-C-180 Datasheet
72Kb / 1P
TERMINAL BLOCK PCB
EB50-A-XX-B-BK ADAM-TECH-EB50-A-XX-B-BK Datasheet
73Kb / 1P
TERMINAL BLOCK PCB
EB105-XX-H ADAM-TECH-EB105-XX-H Datasheet
72Kb / 1P
TERMINAL BLOCK PCB
EB106-XX-D-BK ADAM-TECH-EB106-XX-D-BK Datasheet
72Kb / 1P
TERMINAL BLOCK PCB
EBI-XX-G ADAM-TECH-EBI-XX-G Datasheet
74Kb / 1P
TERMINAL BLOCK PCB
EBI-XX-RA-G ADAM-TECH-EBI-XX-RA-G Datasheet
69Kb / 1P
TERMINAL BLOCK PCB
logo
PHOENIX CONTACT
UK5-HESI PHOENIX-UK5-HESI Datasheet
200Kb / 5P
Fuse modular terminal block
Dec 19, 2022
1237697 PHOENIX-1237697 Datasheet
215Kb / 6P
SPT MODULAR - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com