Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC32647 Datasheet (PDF) - Multicomp Pro

MC32647 Datasheet PDF - Multicomp Pro
Part # MC32647
Download  MC32647 Download
File Size   192.76 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Fan Power Cord Right Angle Plug

MC32647 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC32647 Datasheet PDF - Multicomp Pro

Part # MC32647
Download  MC32647 Click to download

File Size   192.76 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Fan Power Cord Right Angle Plug

MC32647 Datasheet (HTML) - Multicomp Pro


MC32647 Product details

For Use With : Axial Fans
Voltage Rating : 300V
Fan Side Connector : Right Angle Plug
Wire : SPT1 2 conductor 105°C, Black
Plug : NEMA 1-15P




Similar Part No. - MC32647

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
MC32649 MULTICOMP-MC32649 Datasheet
197Kb / 1P
Fan Power Cord 45° Angle Plug
31/05/21 V1.0
More results


Similar Description - MC32647

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
07100-SP024 QUALTEK-07100-SP024 Datasheet
178Kb / 1P
FAN CORD W/ NEMA 1-15 PLUG
07100-SP036 QUALTEK-07100-SP036 Datasheet
180Kb / 1P
FAN CORD W/ NEMA 1-15 PLUG
07100-SP072 QUALTEK-07100-SP072 Datasheet
181Kb / 1P
FAN CORD W/ NEMA 1-15 PLUG
logo
List of Unclassifed Man...
MC34213 ETC2-MC34213 Datasheet
136Kb / 1P
Fan Power Cord
logo
Assmann Electronics Inc...
AK500-RA-5-2-R ASSMANN-AK500-RA-5-2-R Datasheet
131Kb / 1P
Power Cord - SJT Right Angle/Open End
AK500-RA-5-3-R ASSMANN-AK500-RA-5-3-R Datasheet
130Kb / 1P
Power Cord - SJT Right Angle/Open End
AK500-RA-6-1-R ASSMANN-AK500-RA-6-1-R Datasheet
127Kb / 1P
Power Cord - SVT Right Angle/Open
AK500-RA-6-2 ASSMANN-AK500-RA-6-2 Datasheet
121Kb / 1P
Power cord - IEC Right Angle Open End
AK500-RA-6-15-R ASSMANN-AK500-RA-6-15-R Datasheet
127Kb / 1P
Power Cord - SVT Right Angle/Open End
AK500-RA-7-3-R ASSMANN-AK500-RA-7-3-R Datasheet
129Kb / 1P
Power Cord - SJT Right Angle/Open End
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com